Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD4208SDV Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FOD4208SDV
Description  6-Pin DIP Triac Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD4208SDV Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FOD4208SDV Datasheet HTML 1Page - Fairchild Semiconductor FOD4208SDV Datasheet HTML 2Page - Fairchild Semiconductor FOD4208SDV Datasheet HTML 3Page - Fairchild Semiconductor FOD4208SDV Datasheet HTML 4Page - Fairchild Semiconductor FOD4208SDV Datasheet HTML 5Page - Fairchild Semiconductor FOD4208SDV Datasheet HTML 6Page - Fairchild Semiconductor FOD4208SDV Datasheet HTML 7Page - Fairchild Semiconductor FOD4208SDV Datasheet HTML 8Page - Fairchild Semiconductor FOD4208SDV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD420, FOD4208, FOD4216, FOD4218 Rev. 1.1.5
3
Electrical Characteristics (TA = 25°C Unless otherwise specified)
Individual Component Characteristics
Transfer Characteristics
Isolation Characteristics
*Typical values at TA = 25°C
Symbol
Parameters
Test Conditions
Device
Min.
Typ.*
Max
Units
EMITTER
VF
Input Forward Voltage
IF = 20mA
All
1.28
1.5
V
IR
Reverse Leakage
Current
VR = 6V
All
0.01
10
µA
DETECTOR
IDRM
Peak Blocking Current,
Either Direction
IF = 0,
TA = 100°C
(2)
VD = 800V
FOD4208,
FOD4218
8.5
100
µA
VD = 600V
FOD420,
FOD4216
IR(RMS)
Reverse Current
TA = 100°C
VD = 800V
FOD4208,
FOD4218
8.5
100
µA
VD = 600V
FOD420,
FOD4216
dv/dt
Critical Rate of Rise of
Off-State Voltage
IF = 0
(4) (Fig. 11)
10,000
V/µs
Symbol DC Characteristics
Test Conditions
Device
Min.
Typ.* Max. Units
IFT
LED Trigger Current
Main Terminal Voltage = 5V(3)
FOD420,
FOD4208
0.75
2.0
mA
FOD4216,
FOD4218
0.75
1.3
VTM
Peak On-State Voltage,
Either Direction
ITM = 300 mA peak, IF = rated IFT
All
2.2
3
V
IH
Holding Current,
Either Direction
VT = 3V
All
200
500
µA
IL
Latching Current
VT = 2.2V
All
5
mA
tON
Turn-On Time
PF = 1.0,
IT = 300mA
VRM = VDM = 565 VAC
FOD4208
60
µs
VRM = VDM = 424 VAC
FOD420,
FOD4216,
FOD4218
tOFF
Turn-Off Time
VRM = VDM = 565 VAC
FOD4208
52
µs
VRM = VDM = 424 VAC
FOD420,
FOD4216,
FOD4218
dv/dtcrq
Critical Rate of Rise of
Voltage at Current
Commutation
VD = 0.67 VDRM,
di/dtcrq ≤ 15 A/ms
Tj = 25°C
All
10,000
V/µs
Tj = 80°C
5,000
di/dtcr
Critical Rate of Rise of
On-State Current
All
8
A/µs
dV(IO)/dt Critical Rate of Rise of
Coupled Input/Output
Voltage
IT = 0A,
VRM = VDM = 424VAC
All
10,000
V/µs
Symbol
Characteristics
Test Conditions
Min.
Typ.*
Max.
Units
VISO
Input-Output Isolation
Voltage
f = 60Hz, t = 1 min.(5)
5000
Vac(rms)


Similar Part No. - FOD4208SDV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD4208 ONSEMI-FOD4208 Datasheet
466Kb / 12P
   6-Pin DIP High dv/dt Random Phase Triac Drivers
August, 2020 ??Rev. 4
More results

Similar Description - FOD4208SDV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD410 FAIRCHILD-FOD410 Datasheet
292Kb / 12P
   6-Pin DIP Zero-Cross Triac Drivers
logo
Motorola, Inc
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
logo
ON Semiconductor
FOD420 ONSEMI-FOD420 Datasheet
466Kb / 12P
   6-Pin DIP High dv/dt Random Phase Triac Drivers
August, 2020 ??Rev. 4
FOD410 ONSEMI-FOD410 Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
logo
Fairchild Semiconductor
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M FAIRCHILD-MOC3051-M Datasheet
540Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
logo
Everlight Electronics C...
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com