Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD4216SV Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FOD4216SV
Description  6-Pin DIP Triac Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD4216SV Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FOD4216SV Datasheet HTML 1Page - Fairchild Semiconductor FOD4216SV Datasheet HTML 2Page - Fairchild Semiconductor FOD4216SV Datasheet HTML 3Page - Fairchild Semiconductor FOD4216SV Datasheet HTML 4Page - Fairchild Semiconductor FOD4216SV Datasheet HTML 5Page - Fairchild Semiconductor FOD4216SV Datasheet HTML 6Page - Fairchild Semiconductor FOD4216SV Datasheet HTML 7Page - Fairchild Semiconductor FOD4216SV Datasheet HTML 8Page - Fairchild Semiconductor FOD4216SV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD420, FOD4208, FOD4216, FOD4218 Rev. 1.1.5
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Note:
1. Isolation voltage, VISO, is an internal device dielectric breakdown rating. For this test, Pins 1, 2 and 3 are common,
and Pins 4, 5 and 6 are common.
Symbol
Parameters
Device
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
All
-55 to +150
°C
TOPR
Operating Temperature
All
-55 to +100
°C
TSOL
Lead Solder Temperature (Wave)
All
260 for 10 sec
°C
TJ
Junction Temperature Range
All
125
°C
VISO
Isolation Test Voltage(1)
(rms AC voltage, 60Hz, 1 min. duration)
All
5000
Vac(rms)
PD
Total Device Power Dissipation @ 25°C
Derate above 40°C
All
500
mW
8.3
mW/°C
EMITTER
IF
Continuous Forward Current
All
30
mA
VR
Reverse Voltage
All
6
V
PD
Total Power Dissipation 25°C Ambient
Derate above 40°C
All
50
mW
5.4
mW/°C
DETECTOR
VDRM
Off-State Output Terminal Voltage
FOD420, FOD4216
600
V
FOD4208, FOD4218
800
ITSM
Peak Non-Repetitive Surge Current
(single cycle 60Hz sine wave)
All
3
A
ITM
Peak On-State Current
All
300
mA
PD
Total Power Dissipation @ 25°C Ambient
Derate above 40°C
All
450
mW
6.25
mW/°C


Similar Part No. - FOD4216SV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD4216 ONSEMI-FOD4216 Datasheet
466Kb / 12P
   6-Pin DIP High dv/dt Random Phase Triac Drivers
August, 2020 ??Rev. 4
More results

Similar Description - FOD4216SV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD410 FAIRCHILD-FOD410 Datasheet
292Kb / 12P
   6-Pin DIP Zero-Cross Triac Drivers
logo
Motorola, Inc
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
logo
ON Semiconductor
FOD420 ONSEMI-FOD420 Datasheet
466Kb / 12P
   6-Pin DIP High dv/dt Random Phase Triac Drivers
August, 2020 ??Rev. 4
FOD410 ONSEMI-FOD410 Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
logo
Fairchild Semiconductor
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M FAIRCHILD-MOC3051-M Datasheet
540Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
logo
Everlight Electronics C...
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com