Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V62C5181024L-35W Datasheet(PDF) 10 Page - Mosel Vitelic, Corp

Part # V62C5181024L-35W
Description  128K X 8 STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V62C5181024L-35W Datasheet(HTML) 10 Page - Mosel Vitelic, Corp

Back Button V62C5181024L-35W Datasheet HTML 4Page - Mosel Vitelic, Corp V62C5181024L-35W Datasheet HTML 5Page - Mosel Vitelic, Corp V62C5181024L-35W Datasheet HTML 6Page - Mosel Vitelic, Corp V62C5181024L-35W Datasheet HTML 7Page - Mosel Vitelic, Corp V62C5181024L-35W Datasheet HTML 8Page - Mosel Vitelic, Corp V62C5181024L-35W Datasheet HTML 9Page - Mosel Vitelic, Corp V62C5181024L-35W Datasheet HTML 10Page - Mosel Vitelic, Corp V62C5181024L-35W Datasheet HTML 11Page - Mosel Vitelic, Corp V62C5181024L-35W Datasheet HTML 12Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
V62C5181024 Rev. 2.2 February 2000
MOSEL VITELIC
V62C5181024
Package Diagrams (Cont’d)
32-Pin TSOP (Standard)
0.032 [0.813] TYP.
0.020 [0.508] SBC
0.003 [0.076] MAX.
0.020 [0.508] MAX.
0.024
± 0.004
[0.610
± 0.102]
SEATING
PLANE
0.010 [.254]
See Detail “A”
Detail “A”
0.724 TYP. (0.728 MAX.)
[18.39 TYP. (18.49 MAX)]
0.787
± 0.008
[19.99
± 0.203]
0.009
± 0.002
[0.229
± 0.051]
0.315 TYP.
(0.319 MAX.)
8.00 TYP.
(8.10 MAX.)
0.035
± 0.002
[0.889
± 0.051]
0.047 [1.19] MAX.
0.005 MIN.
0.007 MAX.
0.127 MIN.
0.178 MAX.
Units in inches [mm]


Similar Part No. - V62C5181024L-35W

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
V62C5181024LL-70P SAMSUNG-V62C5181024LL-70P Datasheet
1Mb / 43P
   2M x 32 SDRAM 512K x 32bit x 4 Banks Synchronous DRAM LVTTL
More results

Similar Description - V62C5181024L-35W

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
CY7C1009V33 CYPRESS-CY7C1009V33 Datasheet
201Kb / 9P
   128K x 8 Static RAM
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com