Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD053LR2V Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FOD053LR2V
Description  LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD053LR2V Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FOD053LR2V Datasheet HTML 1Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 2Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 3Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 4Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 5Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 6Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 7Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 8Page - Fairchild Semiconductor FOD053LR2V Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD050L, FOD250L, FOD053L Rev. 1.0.2
3
Electrical Characteristics (T
A = 0 to 70°C unless otherwise specified.)
Individual Component Characteristics
**All Typicals at TA = 25°C
Transfer Characteristics
*All Typicals at TA = 25°C
Note:
1.
Current Transfer Ratio is defined as a ratio of output collector current, IO, to the forward LED input current, IF, times
100%.
Symbol
Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 16mA, TA =25°C
All
1.45
1.7
V
IF = 16mA
1.8
BVR
Input Reverse
Breakdown Voltage
IR = 10µA
All
5.0
V
DETECTOR
IOH
Logic High Output
Current
IF = 0mA, VO = VCC = 3.3V,
TA = 25°C
All
0.001
1
µA
ICCL
Logic Low Supply
Current
IF = 16mA, VO = Open,
VCC = 3.3V
FOD050L
FOD250L
200
µA
IF1 = IF2 = 16mA,
VO = Open, VCC = 3.3V
FOD053L
400
ICCH
Logic High Supply
Current
IF = 0mA, VO = Open,
VCC = 3.3V, TA = 25°C
FOD050L
FOD250L
0.3
µA
IF = 0mA, VO = Open,
VCC = 3.3V
FOD053L
10
Symbol
Parameter
Test Conditions
Device
Min.
Typ.** Max.
Unit
COUPLED
CTR
Current Transfer Ratio(1)
IF = 16mA, VO = 0.4 V,
VCC = 3.3V, TA = 25°C
All
15
50
%
VOL
Logic Low Output
Voltage Output Voltage
IF = 16mA, IO = 3mA,
VCC = 3.3V, TA = 25°C
All
0.3
V


Similar Part No. - FOD053LR2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD053L FAIRCHILD-FOD053L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
FOD053L FAIRCHILD-FOD053L Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
More results

Similar Description - FOD053LR2V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L_06 Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD260L FAIRCHILD-FOD260L Datasheet
639Kb / 14P
   LVTTL/LVCMOS 3.3V High Speed-10 MBit/s Logic Gate Optocouplers
FOD050L FAIRCHILD-FOD050L_09 Datasheet
377Kb / 13P
   FOD050L, FOD250L: Single Channel FOD053L: Dual Channel LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622_11 Datasheet
137Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com