Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD4116SV Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FOD4116SV
Description  6-Pin DIP Zero-Cross Triac Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD4116SV Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FOD4116SV Datasheet HTML 1Page - Fairchild Semiconductor FOD4116SV Datasheet HTML 2Page - Fairchild Semiconductor FOD4116SV Datasheet HTML 3Page - Fairchild Semiconductor FOD4116SV Datasheet HTML 4Page - Fairchild Semiconductor FOD4116SV Datasheet HTML 5Page - Fairchild Semiconductor FOD4116SV Datasheet HTML 6Page - Fairchild Semiconductor FOD4116SV Datasheet HTML 7Page - Fairchild Semiconductor FOD4116SV Datasheet HTML 8Page - Fairchild Semiconductor FOD4116SV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD410, FOD4108, FOD4116, FOD4118 Rev. 1.1.4
3
Electrical Characteristics (T
A = 25°C Unless otherwise specified)
Individual Component Characteristics
Transfer Characteristics
*Typical values at TA = 25°C
Symbol
Parameters
Test Conditions
Device
Min.
Typ.*
Max
Units
EMITTER
VF
Input Forward Voltage
IF = 20mA
All
1.25
1.5
V
IR
Reverse Leakage
Current
VR = 6V
All
0.0001
10
µA
DETECTOR
ID(RMS)
Peak Blocking Current,
Either Direction
IF = 0,
TA = 100°C
(2)
VD = 800V
FOD4108,
FOD4118
3
100
µA
VD = 600V
FOD410,
FOD4116
IR(RMS)
Reverse Current
TA = 100°C
VD = 800V
FOD4108,
FOD4118
3
100
µA
VD = 600V
FOD410,
FOD4116
dv/dt
Critical Rate of Rise of
Off-State Voltage
IF = 0
(4) (Fig. 11)
10,000
V/µs
Symbol DC Characteristics
Test Conditions
Device
Min.
Typ.* Max. Units
IFT
LED Trigger Current
Main Terminal Voltage = 5V(3)
FOD410,
FOD4108
0.65
2.0
mA
FOD4116,
FOD4118
0.65
1.3
VTM
Peak On-State Voltage,
Either Direction
ITM = 300 mA peak, IF = rated IFT
All
2.2
3
V
IH
Holding Current,
Either Direction
VT = 3V
All
200
500
µA
IL
Latching Current
VT = 2.2V
All
5
mA
tON
Turn-On Time
PF = 1.0,
IT = 300mA
VRM = VDM = 565 VAC
FOD4108
60
µs
VRM = VDM = 424 VAC
FOD410,
FOD4116,
FOD4118
tOFF
Turn-Off Time
VRM = VDM = 565 VAC
FOD4108
52
µs
VRM = VDM = 424 VAC
FOD410,
FOD4116,
FOD4118
dv/dtcrq
Critical Rate of Rise of
Voltage at Current
Commutation
VD = 0.67 VDRM,
di/dtcrq ≤ 15 A/ms
Tj = 25°C
All
10,000
V/µs
Tj = 80°C
5,000
di/dtcr
Critical Rate of Rise of
On-State Current
All
8
A/µs
dV(IO)/dt Critical Rate of Rise of
Coupled Input/Output
Voltage
IT = 0A,
VRM = VDM = 424VAC
All
10,000
V/µs


Similar Part No. - FOD4116SV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD4116 ONSEMI-FOD4116 Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
More results

Similar Description - FOD4116SV

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD410 ONSEMI-FOD410 Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
Motorola, Inc
MOC3081 MOTOROLA-MOC3081 Datasheet
291Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3061 MOTOROLA-MOC3061 Datasheet
290Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
MOC3041 MOTOROLA-MOC3041 Datasheet
292Kb / 6P
   6-Pin DIP Zero-Cross Optoisolators Triac Driver Output
logo
Everlight Electronics C...
ELT304X EVERLIGHT-ELT304X Datasheet
788Kb / 14P
   4 PIN DIP ZERO CROSS TRIAC DRIVER
EL303X EVERLIGHT-EL303X Datasheet
1Mb / 13P
   5 PIN DIP ZERO CROSS TRIAC DRIVER
logo
Fairchild Semiconductor
FOD420 FAIRCHILD-FOD420 Datasheet
295Kb / 12P
   6-Pin DIP Triac Drivers
logo
Everlight Electronics C...
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com