Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD2743AV Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FOD2743AV
Description  Optically Isolated Error Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2743AV Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FOD2743AV Datasheet HTML 1Page - Fairchild Semiconductor FOD2743AV Datasheet HTML 2Page - Fairchild Semiconductor FOD2743AV Datasheet HTML 3Page - Fairchild Semiconductor FOD2743AV Datasheet HTML 4Page - Fairchild Semiconductor FOD2743AV Datasheet HTML 5Page - Fairchild Semiconductor FOD2743AV Datasheet HTML 6Page - Fairchild Semiconductor FOD2743AV Datasheet HTML 7Page - Fairchild Semiconductor FOD2743AV Datasheet HTML 8Page - Fairchild Semiconductor FOD2743AV Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD2743A, FOD2743B, FOD2743C Rev. 1.0.1
3
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Note:
1. See derating graph, Figure 21.
Symbol
Parameter
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +85
°C
TSOL
Lead Solder Temperature
260 for 10 sec.
°C
VLED
Input Voltage
37
V
ILED
Input DC Current
20
mA
VCEO
Collector-Emitter Voltage
70
V
VECO
Emitter-Collector Voltage
7V
IC
Collector Current
50
mA
PD1
Input Power Dissipation
145
mW
PD2
Transistor Power Dissipation
85
mW
PD3
Total Power Dissipation(1)
145
mW


Similar Part No. - FOD2743AV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2743A FAIRCHILD-FOD2743A Datasheet
619Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
More results

Similar Description - FOD2743AV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2741A FAIRCHILD-FOD2741A_08 Datasheet
304Kb / 15P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com