Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD2743BSD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FOD2743BSD
Description  Optically Isolated Error Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD2743BSD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FOD2743BSD Datasheet HTML 1Page - Fairchild Semiconductor FOD2743BSD Datasheet HTML 2Page - Fairchild Semiconductor FOD2743BSD Datasheet HTML 3Page - Fairchild Semiconductor FOD2743BSD Datasheet HTML 4Page - Fairchild Semiconductor FOD2743BSD Datasheet HTML 5Page - Fairchild Semiconductor FOD2743BSD Datasheet HTML 6Page - Fairchild Semiconductor FOD2743BSD Datasheet HTML 7Page - Fairchild Semiconductor FOD2743BSD Datasheet HTML 8Page - Fairchild Semiconductor FOD2743BSD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD2743A, FOD2743B, FOD2743C Rev. 1.0.1
August 2008
FOD2743A, FOD2743B, FOD2743C
Optically Isolated Error Amplifier
Features
Optocoupler, precision reference and error amplifier in
a single package
2.5V reference
CTR 50% to 100% at 1mA
5,000V RMS isolation
UL approval E90700, Vol. 2
CSA approval 1296837
VDE approval pending
BSI approval pending
Low temperature coefficient 50ppm/°C max
FOD2743A: tolerance 0.5%
FOD2743B: tolerance 1%
FOD2743C: tolerance 2%
Applications
Power supplies regulation
DC to DC converters
Description
The FOD2743 Optically Isolated Amplifier consists of the
popular KA431 precision programmable shunt reference
and an optocoupler. The optocoupler is a gallium ars-
enide (GaAs) light emitting diode optically coupled to a
silicon phototransistor. It comes in 3 grades of reference
voltage tolerance = 2%, 1%, and 0.5%.
The Current Transfer Ratio (CTR) ranges from 50% to
100%. It also has an outstanding temperature coefficient
of 50 ppm/°C. It is primarily intended for use as the error
amplifier/reference voltage/optocoupler function in iso-
lated AC to DC power supplies and dc/dc converters.
When using the FOD2743, power supply designers can
reduce the component count and save space in tightly
packaged designs. The tight tolerance reference elimi-
nates the need for adjustments in many applications.
The device comes in an 8-pin dip white package.
Functional Bock Diagram
Package Outlines
8
8
1
8
1
1
1
2
3
4
5
6
7
8 NC
C
E
NC
LED
COMP
GND
FB


Similar Part No. - FOD2743BSD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2743B FAIRCHILD-FOD2743B Datasheet
619Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
More results

Similar Description - FOD2743BSD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
   optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
   Optically Isolated Error Amplifier
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
   OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
   Optically Isolated Error Amplifier
FOD2712R1 FAIRCHILD-FOD2712R1 Datasheet
338Kb / 16P
   Optically Isolated Error Amplifier
logo
IXYS Corporation
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
   Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2741A FAIRCHILD-FOD2741A_08 Datasheet
304Kb / 15P
   Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA130 CLARE-LIA130 Datasheet
172Kb / 10P
   Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com