Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD4218 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FOD4218
Description  6-Pin DIP Triac Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD4218 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FOD4218 Datasheet HTML 3Page - Fairchild Semiconductor FOD4218 Datasheet HTML 4Page - Fairchild Semiconductor FOD4218 Datasheet HTML 5Page - Fairchild Semiconductor FOD4218 Datasheet HTML 6Page - Fairchild Semiconductor FOD4218 Datasheet HTML 7Page - Fairchild Semiconductor FOD4218 Datasheet HTML 8Page - Fairchild Semiconductor FOD4218 Datasheet HTML 9Page - Fairchild Semiconductor FOD4218 Datasheet HTML 10Page - Fairchild Semiconductor FOD4218 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD420, FOD4208, FOD4216, FOD4218 Rev. 1.1.5
7
VCC
5V
300
TRIAC
IGT
R2
C
15 mA
2400
0.1
30 mA
1200
0.2
50 mA
800
0.3
NOTE: Circuit supplies 25mA drive to gate of triac
at Vin = 25V and TA < 70
°C
7400
ZL
115
Vac
180
R1
R2
C1
16
4
2
MOC3011
27
2W
2W
100
2W
dV
dt
VERNIER
MOUNT DUT ON
TEMPERATURE CONTROLLED
Cu PLATE
DIFFERENTIAL
PREAMP
f = 10 Hz
PW = 100
µs
50
Ω PULSE
GENERATOR
ALL COMPONENTS ARE NON-INDUCTIVE UNLESS SHOWN
82
2W
470pF
0.001
0.005
0.01
0.047
0.47
0.1
56
2W
1N914
20V
1000
1/4W
1N967A
18V
RFP4N100
DUT
20k
X100 PROBE
X100 PROBE
VDRM/VRRM SELECT
6
4
1
2
1000
10 WATT
WIREWOUND
0.33
1000V
POWER
1 MEG
2W EACH
1.2 MEG
2W
TEST
0-1000V
10mA
0.047
1000V
Figure 11. Circuit for Static
dV
Measurement of Power Thyristors
dt
FOD420
FOD4208
FOD4216
FOD4218


Similar Part No. - FOD4218

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD4218 ONSEMI-FOD4218 Datasheet
466Kb / 12P
   6-Pin DIP High dv/dt Random Phase Triac Drivers
August, 2020 ??Rev. 4
More results

Similar Description - FOD4218

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD410 FAIRCHILD-FOD410 Datasheet
292Kb / 12P
   6-Pin DIP Zero-Cross Triac Drivers
logo
Motorola, Inc
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
logo
ON Semiconductor
FOD420 ONSEMI-FOD420 Datasheet
466Kb / 12P
   6-Pin DIP High dv/dt Random Phase Triac Drivers
August, 2020 ??Rev. 4
FOD410 ONSEMI-FOD410 Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
logo
Fairchild Semiconductor
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M FAIRCHILD-MOC3051-M Datasheet
540Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
logo
Everlight Electronics C...
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com