Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3180T Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FOD3180T
Description  2A Output Current, High Speed MOSFET Gate Driver Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3180T Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FOD3180T Datasheet HTML 5Page - Fairchild Semiconductor FOD3180T Datasheet HTML 6Page - Fairchild Semiconductor FOD3180T Datasheet HTML 7Page - Fairchild Semiconductor FOD3180T Datasheet HTML 8Page - Fairchild Semiconductor FOD3180T Datasheet HTML 9Page - Fairchild Semiconductor FOD3180T Datasheet HTML 10Page - Fairchild Semiconductor FOD3180T Datasheet HTML 11Page - Fairchild Semiconductor FOD3180T Datasheet HTML 12Page - Fairchild Semiconductor FOD3180T Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3180 Rev. 1.0.6
11
Reflow Profile
Output Power Derating
T
he maximum package power dissipation is 295mW. The
package is limited to this level to ensure that under normal
operating conditions and over extended temperature
range that the semiconductor junction temperatures do
not exceed 125°C. The package power is composed of
three elements; the LED, static operating power of the
output IC, and the power dissipated in the output power
MOSFET transistors. The power rating of the output IC is
250mW. This power is divided between the static power of
the integrated circuit, which is the product of IDD times the
power supply voltage (VDD – VEE). The maximum IC
static output power is 150mW, (VDD – VEE) = 25V, IDD =
6mA. This maximum condition is valid over the opera-
tional temperature range of -40°C to +100°C. Under these
maximum operating conditions, the output of the power
MOSFET is allowed to dissipate 100mW of power.
The absolute maximum output power dissipation versus
ambient temperature is shown in Figure 12. The output
driver is capable of supplying 100mW of output power
over the temperature range from -40°C to 87°C. The out-
put derates to 90mW at the absolute maximum operating
temperature of 100°C.
The output power is the product of the average output
current squared times the output transistor’s RDS(ON):
PO(AVG) = IO(AVG)2 • RDS(ON)
The IO(AVG) is the product of the duty factor times the
peak
current flowing in the output. The duty factor is
the ratio of the ‘on’ time of the output load current divided
by the period of the operating frequency. An RDS(ON) of
2.0
Ω results in an average output load current of 200mA.
The load duty factor is a ratio of the average output time
of the power MOSFET load circuit and period of the driv-
ing frequency.
The maximum permissible, operating frequency is deter-
mined by the load supplied to the output at its resulting
output pulse width. Figure 13 shows an example of a
0.03µF gate to source capacitance with a series resis-
tance of 8.50
Ω. This reactive load results in a composite
average pulse width of 1.5µs. Under this load condition it
is not necessary to derate the absolute maximum output
current until the frequency of operation exceeds 63kHz.
• Peak reflow temperature: 260 C (package surface temperature)
• Time of temperature higher than 183 C for 160 seconds or less
• One time soldering reflow is recommended
245 C, 10–30 s
Time (Minute)
0
300
250
200
150
100
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Time above 183C, <160 sec
Ramp up = 2–10C/sec
260 C peak
Fig. 12 Absolute Maximum Power Dissipation
vs. Ambient Temperature
TA – AMBIENT TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
0.15
0.1
0.05
0
VDD – VEE = Max. = 25V
IDD = 6mA
LED Power = 45mW
F – FREQUENCY (kHz)
0
0.5
1
1.5
2
2.5
110
100
Fig. 13 Output Current Derating vs. Frequency
TA = -40°C to 100°C
Load = .03µF +8.5Ω
VDD = 20V
IF = 12mA
LED Duty Factor = 50%
Output Pulse Width = 1.5µs


Similar Part No. - FOD3180T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3180T FAIRCHILD-FOD3180T Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180T ONSEMI-FOD3180T Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Fairchild Semiconductor
FOD3180TV FAIRCHILD-FOD3180TV Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180TV ONSEMI-FOD3180TV Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
More results

Similar Description - FOD3180T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181 Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com