Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD4208 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FOD4208
Description  6-Pin DIP Triac Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD4208 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FOD4208 Datasheet HTML 2Page - Fairchild Semiconductor FOD4208 Datasheet HTML 3Page - Fairchild Semiconductor FOD4208 Datasheet HTML 4Page - Fairchild Semiconductor FOD4208 Datasheet HTML 5Page - Fairchild Semiconductor FOD4208 Datasheet HTML 6Page - Fairchild Semiconductor FOD4208 Datasheet HTML 7Page - Fairchild Semiconductor FOD4208 Datasheet HTML 8Page - Fairchild Semiconductor FOD4208 Datasheet HTML 9Page - Fairchild Semiconductor FOD4208 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD420, FOD4208, FOD4216, FOD4218 Rev. 1.1.5
6
Typical Performance Curves (Continued)
20
40
60
80
100
-40
-60
-20
0
20
40
60
80
100
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-60
-40
-20
0
20
40
60
80
100
50
100
150
200
250
300
350
Figure 8. Normalized Holding Current (IH)
vs. Ambient Temperature (TA)
TA – AMBIENT TEMPERATURE (°C)
Figure 10. Current Reduction
TA – AMBIENT TEMPERATURE (°C)
Normalized to TA = 25°C
ITP = f(TA)
0
0.1
1
10
100
1000
Figure 9. Off-State Current (IBD) vs. Ambient Temperature (TA)
TA – AMBIENT TEMPERATURE (°C)
VD = VDRM
f = 60Hz


Similar Part No. - FOD4208

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD4208 ONSEMI-FOD4208 Datasheet
466Kb / 12P
   6-Pin DIP High dv/dt Random Phase Triac Drivers
August, 2020 ??Rev. 4
More results

Similar Description - FOD4208

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD410 FAIRCHILD-FOD410 Datasheet
292Kb / 12P
   6-Pin DIP Zero-Cross Triac Drivers
logo
Motorola, Inc
MOC3051 MOTOROLA-MOC3051 Datasheet
329Kb / 8P
   6-Pin DIP Random-Phase Optoisolators Triac Drivers
logo
ON Semiconductor
FOD420 ONSEMI-FOD420 Datasheet
466Kb / 12P
   6-Pin DIP High dv/dt Random Phase Triac Drivers
August, 2020 ??Rev. 4
FOD410 ONSEMI-FOD410 Datasheet
404Kb / 13P
   6-Pin DIP High dv/dt Zero-Cross Triac Drivers
May, 2019 ??Rev. 3
logo
Fairchild Semiconductor
MOC3052M FAIRCHILD-MOC3052M Datasheet
553Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
MOC3051-M FAIRCHILD-MOC3051-M Datasheet
540Kb / 11P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVERS (600 VOLT PEAK)
logo
Everlight Electronics C...
EL301X_0808 EVERLIGHT-EL301X_0808 Datasheet
316Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com