Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3181 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FOD3181
Description  0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3181 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FOD3181_08 Datasheet HTML 1Page - Fairchild Semiconductor FOD3181_08 Datasheet HTML 2Page - Fairchild Semiconductor FOD3181_08 Datasheet HTML 3Page - Fairchild Semiconductor FOD3181_08 Datasheet HTML 4Page - Fairchild Semiconductor FOD3181_08 Datasheet HTML 5Page - Fairchild Semiconductor FOD3181_08 Datasheet HTML 6Page - Fairchild Semiconductor FOD3181_08 Datasheet HTML 7Page - Fairchild Semiconductor FOD3181_08 Datasheet HTML 8Page - Fairchild Semiconductor FOD3181_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3181 Rev. 1.0.8
3
Electrical-Optical Characteristics (DC) (T
A = -20°C to +70°C)
Over recommended operating conditions unless otherwise specified.
Switching Characteristics (T
A = -20°C to +70°C)
Over recommended operating conditions unless otherwise specified.
Isolation Characteristics (T
A = -20°C to +70°C)
* All typical values at TA = 25°C
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
IOH
High Level Output Current(2)(3)
VOH = (VCC – VEE – 1V)
0.5
A
IOL
Low Level Output Current(2)(3)
VOL = (VCC – VEE – 1V)
0.5
A
VOH
High Level Output Voltage(5)(6)
IO = -100mA
VCC – 0.5
V
VOL
Low Level Output Voltage(5)(6)
IO = 100mA
VEE + 0.5
V
ICCH
High Level Supply Current
Output Open
IF = 7 to 10mA
4.8
6.0
mA
ICCL
Low Level Supply Current
Output Open
VF = 0 to 0.8V
5.0
6.0
mA
IFLH
Threshold Input Current Low to High
IO = 0mA, VO > 5V
10
mA
VFHL
Threshold Input Voltage High to Low IO = 0mA, VO < 0.5V
0.8
V
VF
Input Forward Voltage
IF = 10mA
1.2
1.5
1.8
V
V
F /TA
Temperature Coefficient of
Forward Voltage
IF = 10mA
-1.5
mV/°C
BVR
Input Reverse Breakdown Voltage
IR = 10µA
5
V
CIN
Input Capacitance
f = 1MHz, VF = 0V
60
pF
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
tPLH
Propagation Delay Time to High
Output Level(7)
IF = 10mA, Rg = 10Ω, f = 250kHz,
Duty Cycle = 50%, Cg = 10nF
50
135
500
ns
tPHL
Propagation Delay Time to Low
Output Level(7)
50
105
500
ns
tr
Rise Time
CL = 10nF, Rg = 10Ω
75
ns
tf
Fall Time
55
ns
| CMH |
Output High Level Common
Mode Transient Immunity(8)(9)
TA = +25°C, If = 7 to 10mA,
VCM = 1.5kV, VCC = 20V
10
kV/µs
| CML |
Output Low Level Common
Mode Transient Immunity(8)(10)
TA = +25°C, Vf = 0V, VCM = 1.5kV,
VCC = 20V
10
kV/µs
Symbol
Parameter
Test Conditions
Min.
Typ.*
Max.
Unit
VISO
Withstand Isolation Voltage(11)(12)
TA = 25°C, R.H. < 50%,
t = 1min., II-O ≤ 20 µA
5000
Vrms
RI-O
Resistance (input to output)(12)
VI-O = 500V
1011
CI-O
Capacitance (input to output)
Freq. = 1MHz
1
pF


Similar Part No. - FOD3181_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3181S FAIRCHILD-FOD3181S Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181SD FAIRCHILD-FOD3181SD Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181SDV FAIRCHILD-FOD3181SDV Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181SV FAIRCHILD-FOD3181SV Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181T FAIRCHILD-FOD3181T Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
More results

Similar Description - FOD3181_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181 Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com