Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD250LSV Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FOD250LSV
Description  LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD250LSV Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FOD250LSV Datasheet HTML 5Page - Fairchild Semiconductor FOD250LSV Datasheet HTML 6Page - Fairchild Semiconductor FOD250LSV Datasheet HTML 7Page - Fairchild Semiconductor FOD250LSV Datasheet HTML 8Page - Fairchild Semiconductor FOD250LSV Datasheet HTML 9Page - Fairchild Semiconductor FOD250LSV Datasheet HTML 10Page - Fairchild Semiconductor FOD250LSV Datasheet HTML 11Page - Fairchild Semiconductor FOD250LSV Datasheet HTML 12Page - Fairchild Semiconductor FOD250LSV Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD050L, FOD250L, FOD053L Rev. 1.0.2
10
Ordering Information
Marking Information
Option
Order Entry
Identifier
Description
No Suffix
FOD250L
Through Hole (DIP package only)
FOD050L
Surface Mount Lead Form (SOIC-8 package only)
S
FOD250LS
Surface Mount Lead Bend (DIP package only)
SD
FOD250LSD
Surface Mount; Tape and reel (DIP package only)
SV
Pending Approval
Surface Mount; VDE0884 (DIP package only)
SDV
Pending Approval
Surface Mount; Tape and reel, VDE0884 (1000 units per reel)
(DIP package only)
T
FOD250LT
0.4" Lead Spacing (DIP package only)
TV
Pending Approval
0.4" Lead Spacing, VDE0884 (DIP package only)
R1
FOD050LR1
Tape and Reel (500 units per reel) (SOIC-8 package only)
R1V
Pending Approval
VDE, Tape and Reel (500 units per reel) (SOIC-8 package only)
R2
FOD050LR2
Tape and Reel (2500 units per reel) (SOIC-8 package only)
R2V
Pending Approval
VDE, Tape and Reel (2500 units per reel) (SOIC-8 package only)
VPending Approval
VDE (SOIC-8 package only)
1
2
6
4
3
5
Definitions
1Fairchild logo
2Device number
3
VDE mark (Note: Only appears on parts ordered with VDE
option – See order entry table)
4 (DIP)
Two digit year code, e.g., ‘03’
4 (SOIC)
One digit year code, e.g., ‘3’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
250L
T1
YY
XX
V
DIP
1
2
6
4
3
5
50L
V
SOIC
X
S
YY


Similar Part No. - FOD250LSV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD250LS FAIRCHILD-FOD250LS Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD250LSD FAIRCHILD-FOD250LSD Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
More results

Similar Description - FOD250LSV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L_06 Datasheet
654Kb / 13P
   LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
FOD260L FAIRCHILD-FOD260L Datasheet
639Kb / 14P
   LVTTL/LVCMOS 3.3V High Speed-10 MBit/s Logic Gate Optocouplers
FOD050L FAIRCHILD-FOD050L_09 Datasheet
377Kb / 13P
   FOD050L, FOD250L: Single Channel FOD053L: Dual Channel LVTTL/LVCMOS 3.3V High Speed Transistor Optocouplers
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
HCPL-070L-500E AVAGO-HCPL-070L-500E Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
ON Semiconductor
MC100EPT622 ONSEMI-MC100EPT622_11 Datasheet
137Kb / 8P
   3.3V LVTTL/LVCMOS to LVPECL Translator
May, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com