Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY172TM Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # CNY172TM
Description  Phototransistor Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CNY172TM Datasheet(HTML) 1 Page - Fairchild Semiconductor

  CNY172TM Datasheet HTML 1Page - Fairchild Semiconductor CNY172TM Datasheet HTML 2Page - Fairchild Semiconductor CNY172TM Datasheet HTML 3Page - Fairchild Semiconductor CNY172TM Datasheet HTML 4Page - Fairchild Semiconductor CNY172TM Datasheet HTML 5Page - Fairchild Semiconductor CNY172TM Datasheet HTML 6Page - Fairchild Semiconductor CNY172TM Datasheet HTML 7Page - Fairchild Semiconductor CNY172TM Datasheet HTML 8Page - Fairchild Semiconductor CNY172TM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
CYN17XM, CNY17FXM, MOC810XM Rev. 1.0.7
May 2008
CNY171M, CNY172M, CNY173M, CNY174M,
CNY17F1M, CNY17F2M, CNY17F3M, CNY17F4M,
MOC8106M, MOC8107M
Phototransistor Optocouplers
Features
UL recognized (File # E90700, Vol. 2)
VDE recognized
– Add option V (e.g., CNY17F2VM)
– File #102497
Current transfer ratio in select groups
High BVCEO: 70V minimum (CNY17XM, CNY17FXM,
MOC810XM)
Closely matched current transfer ratio (CTR)
minimizes unit-to-unit variation.
Very low coupled capacitance along with no chip to
pin 6 base connection for minimum noise
susceptability (CNY17FXM, MOC810XM)
Applications
Power supply regulators
Digital logic inputs
Microprocessor inputs
Appliance sensor systems
Industrial controls
Description
The CNY17XM, CNY17FXM and MOC810XM devices
consist of a Gallium Arsenide IRED coupled with an NPN
phototransistor in a dual in-line package.
Schematics
CNY17F1M/2M/3M/4M
MOC8106M/7M
CNY171M/2M/3M/4M
1
2
6
5 COLLECTOR
COLLECTOR
4 EMITTER
NC
NC
NC
ANODE
CATHODE
3
1
2
6
5
4 EMITTER
BASE
ANODE
CATHODE
3
Package Outlines


Similar Part No. - CNY172TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY172TM FAIRCHILD-CNY172TM Datasheet
575Kb / 14P
   Phototransistor Optocouplers
More results

Similar Description - CNY172TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CNY17-1 FAIRCHILD-CNY17-1 Datasheet
575Kb / 14P
   Phototransistor Optocouplers
H11AG1SD FAIRCHILD-H11AG1SD Datasheet
146Kb / 8P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1-M FAIRCHILD-H11AV1-M Datasheet
530Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
H11AV1 FAIRCHILD-H11AV1 Datasheet
534Kb / 10P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
CNY17-1 QT-CNY17-1 Datasheet
546Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
MCT2 FAIRCHILD-MCT2 Datasheet
619Kb / 15P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
QT Optoelectronics
MCT2200 QT-MCT2200 Datasheet
402Kb / 4P
   PHOTOTRANSISTOR OPTOCOUPLERS
MOC8111 QT-MOC8111 Datasheet
434Kb / 5P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AV1M FAIRCHILD-H11AV1M Datasheet
277Kb / 10P
   Phototransistor Optocouplers
CNY17F2M FAIRCHILD-CNY17F2M Datasheet
253Kb / 11P
   Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com