Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N32SVM Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 4N32SVM
Description  General Purpose 6-Pin Photodarlington Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

4N32SVM Datasheet(HTML) 2 Page - Fairchild Semiconductor

  4N32SVM Datasheet HTML 1Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 2Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 3Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 4Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 5Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 6Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 7Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 8Page - Fairchild Semiconductor 4N32SVM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11B1M, TIL113M Rev. 1.0.0
2
Absolute Maximum Ratings (T
A = 25°C Unless otherwise specified.)
Symbol
Parameter
Value
Units
TOTAL DEVICE
TSTG
Storage Temperature
-40 to +150
°C
TOPR
Operating Temperature
-40 to +100
°C
TSOL
Lead Solder Temperature (Wave)
260 for 10 sec
°C
PD
Total Device Power Dissipation @ TA = 25°C
250
mW
Derate above 25°C
3.3
mW/°C
EMITTER
IF
Continuous Forward Current
80
mA
VR
Reverse Voltage
3
V
IF(pk)
Forward Current – Peak (300µs, 2% Duty Cycle)
3.0
A
PD
LED Power Dissipation @ TA = 25°C
150
mW
Derate above 25°C
2.0
mW/°C
DETECTOR
BVCEO
Collector-Emitter Breakdown Voltage
30
V
BVCBO
Collector-Base Breakdown Voltage
30
V
BVECO
Emitter-Collector Breakdown Voltage
5
V
PD
Detector Power Dissipation @ TA = 25°C
150
mW
Derate above 25°C
2.0
mW/°C
IC
Continuous Collector Current
150
mA


Similar Part No. - 4N32SVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N32SVM FAIRCHILD-4N32SVM Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
More results

Similar Description - 4N32SVM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
Fairchild Semiconductor
4N29M FAIRCHILD-4N29M_09 Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com