Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N137SD Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 6N137SD
Description  High Speed 10MBit/s Logic Gate Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N137SD Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 6N137SD Datasheet HTML 2Page - Fairchild Semiconductor 6N137SD Datasheet HTML 3Page - Fairchild Semiconductor 6N137SD Datasheet HTML 4Page - Fairchild Semiconductor 6N137SD Datasheet HTML 5Page - Fairchild Semiconductor 6N137SD Datasheet HTML 6Page - Fairchild Semiconductor 6N137SD Datasheet HTML 7Page - Fairchild Semiconductor 6N137SD Datasheet HTML 8Page - Fairchild Semiconductor 6N137SD Datasheet HTML 9Page - Fairchild Semiconductor 6N137SD Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N137, HCPL2601, HCPL2611, HCPL2630, HCPL2631 Rev. 1.0.7
6
Typical Performance Curves (Continued)
Fig. 7 Pulse Width Distortion vs. Temperature
TA – TEMPERATURE (°C)
TA – TEMPERATURE (°C)
TA – TEMPERATURE (°C)
TA – TEMPERATURE (°C)
TA – TEMPERATURE (°C)
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
80
100
RL = 4 k
RL = 1 k
RL = 350
F
Conditions:
I = 7.5mA
VCC = 5A
Fig. 8 Rise and Fall Time vs. Temperature
L
R = 4 k
Ω (tr)
Conditions:
IF = 7.5 mA
VCC = 5 V
RL = 1 k
Ω (tr)
RL = 350
Ω (tr)
RL = 1 k
RL = 4 k
(tf)
RL = 350
Fig. 9 Enable Propagation Delay vs. Temperature
RL = 4 k
Ω (TELH)
RL = 1 k
Ω (TELH)
RL = 350
Ω (TELH)
RL = 350
RL = 1 k
RL = 4 k
(TEHL)
Fig. 10 Switching Time vs. Temperature
RL = 1 k
Ω TPLH
RL = 350
Ω TPLH
RL = 4 k
Ω TPLH
RL = 1 k
RL = 4 k
RL = 350
TPHL
Fig. 11 High Level Output Current
vs. Temperature
VCC = 5.5 V
Conditions:
VO = 5.5 V
VE = 2.0 V
IF = 250 µA
0
20
40
60
80
0
100
200
300
400
500
600
0
20
40
60
80
100
120
20
40
60
80
100
120
0
5
10
15
20


Similar Part No. - 6N137SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N137SD FAIRCHILD-6N137SD Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137SD FAIRCHILD-6N137SD Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137SDM FAIRCHILD-6N137SDM Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
6N137SDM ONSEMI-6N137SDM Datasheet
644Kb / 18P
   8-Pin DIP High-Speed 10 MBit/s Logic Gate Optocouplers
June, 2021 ??Rev. 2
logo
Fairchild Semiconductor
6N137SDV FAIRCHILD-6N137SDV Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
More results

Similar Description - 6N137SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N137M FAIRCHILD-6N137M Datasheet
457Kb / 13P
   High Speed 10MBit/s Logic Gate Optocouplers
logo
Guangdong Youtai Semico...
6N137 UMW-6N137 Datasheet
919Kb / 10P
   Logic Gate Optocouplers High Speed 10MBit/s
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
   10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
   8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
   8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
   SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
logo
List of Unclassifed Man...
MCL2630 ETC-MCL2630 Datasheet
252Kb / 4P
   DUAL 10MBIT/S LOGIC GATE
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com