Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIL113M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # TIL113M
Description  General Purpose 6-Pin Photodarlington Optocoupler
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TIL113M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  TIL113M Datasheet HTML 1Page - Fairchild Semiconductor TIL113M Datasheet HTML 2Page - Fairchild Semiconductor TIL113M Datasheet HTML 3Page - Fairchild Semiconductor TIL113M Datasheet HTML 4Page - Fairchild Semiconductor TIL113M Datasheet HTML 5Page - Fairchild Semiconductor TIL113M Datasheet HTML 6Page - Fairchild Semiconductor TIL113M Datasheet HTML 7Page - Fairchild Semiconductor TIL113M Datasheet HTML 8Page - Fairchild Semiconductor TIL113M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11B1M, TIL113M Rev. 1.0.0
3
Electrical Characteristics (T
A = 25°C Unless otherwise specified.)
Individual Component Characteristics
Transfer Characteristics
Symbol
Parameter
Test Conditions
Device
Min.
Typ.
Max.
Unit
EMITTER
VF
Input Forward Voltage*
IF = 10mA
4NXXM
1.2
1.5
V
H11B1M,
TIL113M
0.8
1.2
1.5
IR
Reverse Leakage Current*
VR = 3.0V
4NXXM
0.001
100
µA
VR = 6.0V
H11B1M,
TIL113M
0.001
10
C
Capacitance*
VF = 0V, f = 1.0MHz
All
150
pF
DETECTOR
BVCEO
Collector-Emitter Breakdown Voltage* IC = 1.0mA, IB = 0
4NXXM,
TIL113M
30
60
V
H11B1M
25
60
BVCBO
Collector-Base Breakdown Voltage*
IC = 100µA, IE = 0
All
30
100
V
BVECO
Emitter-Collector Breakdown Voltage* IE = 100µA, IB = 0
4NXXM
5.0
10
V
H11B1M,
TIL113M
710
ICEO
Collector-Emitter Dark Current*
VCE = 10V, Base Open
All
1
100
nA
Symbol
Parameter
Test Conditions
Device
Min.
Typ.
Max.
Unit
DC CHARACTERISTICS
IC(CTR)
Collector Output Current*(1, 2)
IF = 10mA, VCE = 10V,
IB = 0
4N32M,
4N33M
50 (500)
mA (%)
4N29M,
4N30M
10 (100)
IF = 1mA, VCE = 5V
H11B1M
5 (500)
IF = 10mA, VCE = 1V
TIL113M
30 (300)
VCE(SAT)
Saturation Voltage*(2)
IF = 8mA, IC = 2.0mA
4NXXM
1.0
V
TIL113M
1.25
IF = 1mA, IC = 1mA
H11B1M
1.0
AC CHARACTERISTICS
ton
Turn-on Time
IF = 200mA, IC = 50mA,
VCC = 10V, RL = 100Ω
4NXXM,
TIL113M
5.0
µS
IF = 10mA, VCE = 10V,
RL = 100Ω
H11B1M
25
toff
Turn-off Time
IF = 200mA, IC = 50mA,
VCC = 10V, RL = 100Ω
4N32M,
4N33M,
TIL113M
100
µS
4N29M,
4N30M
40
IF = 10mA, VCE = 10V,
RL = 100Ω
H11B1M
18
BW
Bandwidth(3, 4)
30
kHz


Similar Part No. - TIL113M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TIL113M FAIRCHILD-TIL113M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
TIL113M FAIRCHILD-TIL113M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
TIL113M FAIRCHILD-TIL113M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
TIL113M FAIRCHILD-TIL113M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
TIL113M FAIRCHILD-TIL113M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
More results

Similar Description - TIL113M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
Fairchild Semiconductor
4N29M FAIRCHILD-4N29M_09 Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com