Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSCM0565R Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSCM0565R
Description  Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0565R Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSCM0565R Datasheet HTML 1Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 2Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 3Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 4Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 5Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 6Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 7Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 8Page - Fairchild Semiconductor FSCM0565R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0565R, FSQ0765R Rev. 1.0.1
3
Application Diagram
Figure 1. Typical Flyback Application
Internal Block Diagram
Figure 2. Internal Block Diagram
V
CC
GND
Drain
Sync
V
O
PWM
FB
AC
IN
V
str
FSQ0765R Rev.00
8V/12V
V
ref
S
Q
R
V
CC
V
ref
I
delay
I
FB
V
SD
V
OVP
V
OCP
S
Q
Q
R
R
3R
V
CC good
V
CC
Drain
FB
GND
AOCP
Gate
driver
V
CC good
LEB
250ns
PWM
V
Burst
5
Sync
(1.1V)
Soft-
Start
0.35/0.55
OSC
V
str
TSD
4
3
1
6
FSQ0765R Rev.00
2
AVS
Q
V
OSP
LPF
LPF
t
ON
< t
OSP
after SS


Similar Part No. - FSCM0565R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSCM0565R FAIRCHILD-FSCM0565R Datasheet
346Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSCM0565R FAIRCHILD-FSCM0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSCM0565R FAIRCHILD-FSCM0565R Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch
logo
ON Semiconductor
FSCM0565R ONSEMI-FSCM0565R Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
logo
Fairchild Semiconductor
FSCM0565RC FAIRCHILD-FSCM0565RC Datasheet
495Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSCM0565R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQ FAIRCHILD-FSQ0565RQ Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RS FAIRCHILD-FSQ0465RS Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
logo
ON Semiconductor
FSQ0565RS ONSEMI-FSQ0565RS Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
logo
Fairchild Semiconductor
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com