Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ0765R Datasheet(PDF) 13 Page - Fairchild Semiconductor

Part # FSQ0765R
Description  Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0765R Datasheet(HTML) 13 Page - Fairchild Semiconductor

Back Button FSQ0765R Datasheet HTML 9Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 10Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 11Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 12Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 13Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 14Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 15Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 16Page - Fairchild Semiconductor FSQ0765R Datasheet HTML 17Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0565R, FSQ0765R Rev. 1.0.1
13
The switching frequency is the combination of blank time
(tB) and detection time window (tW). In case of a heavy
load, the sync voltage remains flat after tB and waits for
valley detection during tW. This leads to a low switching
frequency not suitable for heavy loads. To correct this
drawback,
additional
timing
is
used.
The
timing
conditions are described in Figures 25, 26, and 27. When
the Vsync remains flat higher than 4.4V at the end of tB
that is tX, the next switching cycle starts after internal
delay time from tX. In the second case, the next switching
occurs on the valley when the Vsync goes below 4.4V
within tB. Once Vsync detects the first valley within tB, the
other switching cycle follows classical QRC operation.
Figure 25. Vsync > 4.4V at tX
Figure 26. Vsync < 4.4V at tX
Figure 27. After Vsync Finds First Valley
4. Protection Circuits: The FSQ-series has several
self-protective functions, such as Overload Protection
(OLP), Abnormal Over-Current Protection (AOCP),
Over-Voltage Protection (OVP), and Thermal Shutdown
(TSD). All the protections are implemented as auto-
restart mode. Once the fault condition is detected,
switching is terminated and the SenseFET remains off.
This causes VCC to fall. When VCC falls down to the
Under-Voltage Lockout (UVLO) stop voltage of 8V, the
protection is reset and the start-up circuit charges the
VCC capacitor. When the VCC reaches the start voltage
of 12V, normal operation resumes. If the fault condition is
not removed, the SenseFET remains off and VCC drops
to stop voltage again. In this manner, the auto-restart can
alternately enable and disable the switching of the power
SenseFET
until
the
fault
condition
is
eliminated.
Because these protection circuits are fully integrated into
the IC without external components, the reliability is
improved without increasing cost.
Figure 28. Auto Restart Protection Waveforms
t
B=15μs
I
DS
V
DS
V
sync
internal delay
I
DS
4.4V
1.2V
1.0V
t
X
FSQ0765R Rev. 00
t
B=15μs
I
DS
V
DS
V
sync
internal delay
I
DS
4.4V
1.2V
1.0V
t
X
FSQ0765R Rev. 00
t
B=15μs
I
DS
I
DS
V
DS
V
sync
internal delay
4.4V
1.2V
1.0V
ingnore
t
X
FSQ0765R Rev. 00
Fault
situation
8V
12V
V
CC
V
DS
t
Fault
occurs
Fault
removed
Normal
operation
Normal
operation
Power
on
FSQ0765R Rev. 00


Similar Part No. - FSQ0765R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0765R FAIRCHILD-FSQ0765R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RQ FAIRCHILD-FSQ0765RQ Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSQ0765RQWDTU FAIRCHILD-FSQ0765RQWDTU Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RSWDTU FAIRCHILD-FSQ0765RSWDTU Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
More results

Similar Description - FSQ0765R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0765RS FAIRCHILD-FSQ0765RS Datasheet
3Mb / 19P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565RQ FAIRCHILD-FSQ0565RQ Datasheet
2Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RS FAIRCHILD-FSQ0465RS Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
logo
ON Semiconductor
FSQ0565RS ONSEMI-FSQ0565RS Datasheet
2Mb / 24P
   Green-Mode Power Switch for Quasi-Resonant Operation - Low EMI and High Efficiency
October-2017, Rev. 3
logo
Fairchild Semiconductor
FSCQ0765RT FAIRCHILD-FSCQ0765RT Datasheet
726Kb / 24P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Switching Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com