Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6518 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # SG6518
Description  LCD Power Supply Supervisor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SG6518 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  SG6518 Datasheet HTML 1Page - Fairchild Semiconductor SG6518 Datasheet HTML 2Page - Fairchild Semiconductor SG6518 Datasheet HTML 3Page - Fairchild Semiconductor SG6518 Datasheet HTML 4Page - Fairchild Semiconductor SG6518 Datasheet HTML 5Page - Fairchild Semiconductor SG6518 Datasheet HTML 6Page - Fairchild Semiconductor SG6518 Datasheet HTML 7Page - Fairchild Semiconductor SG6518 Datasheet HTML 8Page - Fairchild Semiconductor SG6518 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
SG6518 • Rev. 1.0.0
3
Pin Configuration
Figure 3. Pin Configuration
Pin Definitions
Pin #
Name
Description
1
GND
Ground.
2
FPO
Fault protection output. Output signal to control the primary PWM IC through an opto-coupler.
When FPO is LOW, the PWM IC is enabled.
3
PSON
Remote on/off logic input from CPU or main-board. The power supply is turned on/off after 13ms
delay.
4
VSV1
V1 voltage sense input.
(4)
5
ADJ-V1
V1 over-voltage control sense input.
6
RI
Reference setting. One external resistor, Ri, connected between the RI and GND pins
determines a reference current, IREF = 1.5V/Ri, for OCP programming.
7
ADJ-V2
V2 over-voltage control sense input.
8
VSV2
V2 voltage sense input.
9
ISV2
V2 over-current protection sense input. In typical applications, this pin is connected to the
positive end of a current shunt through one resistor. When the voltage on ISV2 is higher than
that of VSV2 by 6mV, OCP is enabled.
10
ISV1
VSV1 over-current protection sense input. In typical applications, this pin is connected to the
positive end of a current shunt through one resistor. When the voltage on ISV1 is higher than
that of VSV1 by 6mV, OCP is enabled.
11
IS12
12V over-current protection sense input. In typical applications, this pin is connected to the
positive end of a current shunt through one resistor. When the voltage on IS12 is higher than
that of VS12 by 6mV, OCP is enabled.
12
VS12
12V over-voltage control sense input.
13
IS5
5V over-current protection sense input. In typical applications, this pin is connected to the
positive end of a current shunt through one resistor. When the voltage on IS5 is higher than that
of VS5 by 6mV, OCP is enabled.
14
VS5
5V over-voltage control sense input.
15
VDD
Supply voltage, 4V ~ 15V. For general applications, it is connected to 5V-standby for supply
voltage.
16
OTP
For over-temperature protection. An external NTC thermistor is connected from this pin to
ground. The impedance of the NTC decreases at high temperatures. Once the voltage of the
OTP pin drops below a fixed limit of 1.2V, FPO is open-drain output.
Note:
4.
The VSV1 pin is the power pin for the two OCP comparators; it must be higher than VSV2.


Similar Part No. - SG6518

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG6510 MICROSEMI-SG6510 Datasheet
34Kb / 3P
   DIODE ARRAY CIRCUITS
logo
List of Unclassifed Man...
SG6510D1 ETC1-SG6510D1 Datasheet
237Kb / 10P
   PC Power Supply Supervisors
logo
Fairchild Semiconductor
SG6510D1 FAIRCHILD-SG6510D1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
SG6510DZ1 FAIRCHILD-SG6510DZ1 Datasheet
267Kb / 9P
   PC Power Supply Supervisors
logo
Microsemi Corporation
SG6510F MICROSEMI-SG6510F Datasheet
34Kb / 3P
   DIODE ARRAY CIRCUITS
More results

Similar Description - SG6518

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM1834 ONSEMI-ASM1834 Datasheet
176Kb / 11P
   Power Supply Supervisor
August, 2011 ??Rev. 3
ASM690A ONSEMI-ASM690A Datasheet
202Kb / 12P
   Power Supply Supervisor
August, 2011 ??Rev. 3
logo
Unisonic Technologies
3513 UTC-3513_15 Datasheet
387Kb / 12P
   PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISOR
logo
Fairchild Semiconductor
SG6108 FAIRCHILD-SG6108 Datasheet
650Kb / 16P
   Power Supply Supervisor PWM
logo
Weltrend Semiconductor
WT7527V WELTREND-WT7527V Datasheet
357Kb / 13P
   PC POWER SUPPLY SUPERVISOR
logo
Unisonic Technologies
3513 UTC-3513 Datasheet
272Kb / 12P
   PC POWER SUPPLY SUPERVISOR
S3525 UTC-S3525_15 Datasheet
303Kb / 9P
   PC POWER SUPPLY SUPERVISOR
logo
Weltrend Semiconductor
WT7502 WELTREND-WT7502 Datasheet
148Kb / 10P
   PC POWER SUPPLY SUPERVISOR
logo
Richtek Technology Corp...
R7510A RICHTEK-R7510A Datasheet
326Kb / 12P
   PC Power Supply Supervisor
January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com