Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSBF3CH60B Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FSBF3CH60B
Description  Smart Power Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBF3CH60B Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FSBF3CH60B Datasheet HTML 1Page - Fairchild Semiconductor FSBF3CH60B Datasheet HTML 2Page - Fairchild Semiconductor FSBF3CH60B Datasheet HTML 3Page - Fairchild Semiconductor FSBF3CH60B Datasheet HTML 4Page - Fairchild Semiconductor FSBF3CH60B Datasheet HTML 5Page - Fairchild Semiconductor FSBF3CH60B Datasheet HTML 6Page - Fairchild Semiconductor FSBF3CH60B Datasheet HTML 7Page - Fairchild Semiconductor FSBF3CH60B Datasheet HTML 8Page - Fairchild Semiconductor FSBF3CH60B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FSBF3CH60B Rev. C
June 2007
Motion-SPM
TM
FSBF3CH60B
Smart Power Module
Features
• UL Certified No.E209204(SPM27-JA package)
• 600V-3A 3-phase IGBT inverter bridge including control ICs
for gate driving and protection
• Easy PCB layout due to built in bootstrap diode
• Divided negative dc-link terminals for inverter current sensing
applications
• Single-grounded power supply due to built-in HVIC
• Isolation rating of 2500Vrms/min.
Applications
• AC 100V ~ 253V three-phase inverter drive for small power
ac motor drives
• Home appliances applications like air conditioner and wash-
ing machine
General Description
It is an advanced motion-smart power module (Motion-SPMTM)
that Fairchild has newly developed and designed to provide
very compact and high performance ac motor drives mainly tar-
geting low-power inverter-driven application like air conditioner
and washing machine. It combines optimized circuit protection
and drive matched to low-loss IGBTs. System reliability is fur-
ther enhanced by the integrated under-voltage lock-out and
short-circuit protection. The high speed built-in HVIC provides
opto-coupler-less single-supply IGBT gate driving capability that
further reduce the overall size of the inverter system design.
Each phase current of inverter can be monitored separately due
to the divided negative dc terminals.
Figure 1.
44mm
26.8mm
Top View
Bottom View


Similar Part No. - FSBF3CH60B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBF10CH60B FAIRCHILD-FSBF10CH60B Datasheet
397Kb / 17P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF10CH60BTL FAIRCHILD-FSBF10CH60BTL Datasheet
468Kb / 17P
   Smart Power Module
FSBF10CH60BTL FAIRCHILD-FSBF10CH60BTL_08 Datasheet
700Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
More results

Similar Description - FSBF3CH60B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBS10CH60 FAIRCHILD-FSBS10CH60 Datasheet
553Kb / 16P
   Smart Power Module
FSB32560 FAIRCHILD-FSB32560 Datasheet
264Kb / 16P
   Smart Power Module
FSBB20CH60L FAIRCHILD-FSBB20CH60L Datasheet
251Kb / 16P
   Smart Power Module
FSBF10CH60BT FAIRCHILD-FSBF10CH60BT Datasheet
402Kb / 17P
   Smart Power Module
FSBF15CH60BT FAIRCHILD-FSBF15CH60BT Datasheet
429Kb / 17P
   Smart Power Module
FSBF5CH60B FAIRCHILD-FSBF5CH60B Datasheet
404Kb / 17P
   Smart Power Module
FNA40560 FAIRCHILD-FNA40560 Datasheet
920Kb / 15P
   Smart Power Module
FNB41560 FAIRCHILD-FNB41560 Datasheet
910Kb / 15P
   Smart Power Module
logo
ON Semiconductor
FSB50250AB ONSEMI-FSB50250AB Datasheet
1Mb / 12P
   Smart Power Module
January 2012 Rev. A
logo
Fairchild Semiconductor
FNA41060_1010 FAIRCHILD-FNA41060_1010 Datasheet
1Mb / 16P
   Smart Power Module
FNA40860 FAIRCHILD-FNA40860 Datasheet
920Kb / 15P
   Smart Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com