Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDP13N50F Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDP13N50F
Description  N-Channel MOSFET 500V, 12A, 0.54廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP13N50F Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDP13N50F Datasheet HTML 1Page - Fairchild Semiconductor FDP13N50F Datasheet HTML 2Page - Fairchild Semiconductor FDP13N50F Datasheet HTML 3Page - Fairchild Semiconductor FDP13N50F Datasheet HTML 4Page - Fairchild Semiconductor FDP13N50F Datasheet HTML 5Page - Fairchild Semiconductor FDP13N50F Datasheet HTML 6Page - Fairchild Semiconductor FDP13N50F Datasheet HTML 7Page - Fairchild Semiconductor FDP13N50F Datasheet HTML 8Page - Fairchild Semiconductor FDP13N50F Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FDP13N50F / FDPF13N50FT Rev.
www.fairchildsemi.com
3
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
110
1
10
20
30
*Notes:
1. 250µs Pulse Test
2. TC = 25
oC
VGS = 15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
VDS,Drain-Source Voltage[V]
345678
1
10
150
oC
*Notes:
1. VDS = 20V
2. 250µs Pulse Test
25
oC
VGS,Gate-Source Voltage[V]
50
0
1020
3040
0.3
0.4
0.5
0.6
0.7
0.8
0.9
*Note: TJ = 25
oC
VGS = 20V
VGS = 10V
ID, Drain Current [A]
0.0
0.5
1.0
1.5
2.0
2.5
1
10
100
*Notes:
1. V
GS = 0V
2. 250µs Pulse Test
150
oC
V
SD, Body Diode Forward Voltage [V]
25
oC
0.1
1
10
0
1500
3000
Coss
Ciss
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
*Note:
1. VGS = 0V
2. f = 1MHz
Crss
VDS, Drain-Source Voltage [V]
30
0
5
10
15
20
25
30
0
2
4
6
8
10
*Note: ID = 13A
VDS = 100V
VDS = 250V
VDS = 400V
Qg, Total Gate Charge [nC]


Similar Part No. - FDP13N50F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP13N50F ISC-FDP13N50F Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP13N50F FAIRCHILD-FDP13N50F_12 Datasheet
414Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
More results

Similar Description - FDP13N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP13N50F FAIRCHILD-FDP13N50F_12 Datasheet
414Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
logo
Alpha & Omega Semicondu...
AOT12N50 AOSMD-AOT12N50 Datasheet
180Kb / 6P
   500V, 12A N-Channel MOSFET
AOB12N50 AOSMD-AOB12N50 Datasheet
262Kb / 6P
   500V, 12A N-Channel MOSFET
AOW12N50 AOSMD-AOW12N50 Datasheet
287Kb / 6P
   500V, 12A N-Channel MOSFET
AOB12N50L AOSMD-AOB12N50L Datasheet
439Kb / 6P
   500V, 12A N-Channel MOSFET
logo
Unisonic Technologies
12N50_1112 UTC-12N50_1112 Datasheet
167Kb / 6P
   12A, 500V N-CHANNEL POWER MOSFET
logo
First Components Intern...
FMDT12N500 FCI-FMDT12N500 Datasheet
188Kb / 5P
   12A 500V N-Channel Polar HVTM Power MOSFET
logo
Fairchild Semiconductor
FDP12N50 FAIRCHILD-FDP12N50 Datasheet
381Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDD5N50NZF FAIRCHILD-FDD5N50NZF Datasheet
304Kb / 8P
   N-Channel MOSFET 500V, 3.7A, 1.75廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com