Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDFMA2P857 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDFMA2P857
Description  Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.0A, 120m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDFMA2P857 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDFMA2P857 Datasheet HTML 1Page - Fairchild Semiconductor FDFMA2P857 Datasheet HTML 2Page - Fairchild Semiconductor FDFMA2P857 Datasheet HTML 3Page - Fairchild Semiconductor FDFMA2P857 Datasheet HTML 4Page - Fairchild Semiconductor FDFMA2P857 Datasheet HTML 5Page - Fairchild Semiconductor FDFMA2P857 Datasheet HTML 6Page - Fairchild Semiconductor FDFMA2P857 Datasheet HTML 7Page - Fairchild Semiconductor FDFMA2P857 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDFMA2P857 Rev.B
1
www.fairchildsemi.com
4
Typical Characteristics T
A = 25°C unless otherwise noted
Figure 1.
0.00.5
1.01.5
2.0
2.5
0
1
2
3
4
5
6
VGS =-4.5V
-3.5V
-3V
-2.5V
-2V
-1.8V
-1.5V
-VDS, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure2.
01
234
56
0.5
1.0
1.5
2.0
2.5
3.0
-4.5V
-3.5V
-3.0V
-2.5V
-2.0V
-1.8V
VGS =-1.5V
-ID, DRAIN CURRENT(A)
NormalizedOn-Resistance
vs Drain Current and Gate Voltage
Figure3. Normalized On- Resistance
-50
-25
0
25
50
75
100
125
150
0.8
0.9
1.0
1.1
1.2
1.3
1.4
ID =-3A
VGS = -4.5V
TJ, JUNCTION TEMPERATURE (oC)
vs Junction Temperature
Figure 4.
02
4
6
8
10
0.04
0.10
0.16
0.22
0.28
TA = 125oC
TA = 25oC
ID =-1.5A
-VGS, GATE TO SOURCE VOLTAGE (V)
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
0.0
0.5
1.0
1.5
2.0
2.5
0
1
2
3
4
5
6
VDS = -5V
-55oC
25oC
TA = 125oC
-VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0001
0.001
0.01
0.1
1
10
-55oC
25oC
TA = 125oC
VGS = 0V
-VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current


Similar Part No. - FDFMA2P857

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFMA2P857 FAIRCHILD-FDFMA2P857 Datasheet
420Kb / 8P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V, -3.0A, 120mohm
More results

Similar Description - FDFMA2P857

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFMA2N028Z FAIRCHILD-FDFMA2N028Z_08 Datasheet
1Mb / 8P
   Integrated N-Channel PowerTrench짰 MOSFET and Schottky Diode 20V, 3.7A, 68m廓
FDFMA2P029Z FAIRCHILD-FDFMA2P029Z_08 Datasheet
304Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.1A, 95m
FDFMA2P857 FAIRCHILD-FDFMA2P857 Datasheet
420Kb / 8P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode -20V, -3.0A, 120mohm
FDFMA2P853 FAIRCHILD-FDFMA2P853_08 Datasheet
841Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFS2P753Z FAIRCHILD-FDFS2P753Z Datasheet
338Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFME2P823ZT FAIRCHILD-FDFME2P823ZT Datasheet
275Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFM2P110_0508 FAIRCHILD-FDFM2P110_0508 Datasheet
277Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2P853 FAIRCHILD-FDFMA2P853_06 Datasheet
251Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA3P029Z FAIRCHILD-FDFMA3P029Z Datasheet
353Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2P853T FAIRCHILD-FDFMA2P853T Datasheet
357Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com