Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD8880 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FDD8880
Description  N-Channel PowerTrench짰 MOSFET 30V, 58A, 9m廓
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8880 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FDD8880 Datasheet HTML 3Page - Fairchild Semiconductor FDD8880 Datasheet HTML 4Page - Fairchild Semiconductor FDD8880 Datasheet HTML 5Page - Fairchild Semiconductor FDD8880 Datasheet HTML 6Page - Fairchild Semiconductor FDD8880 Datasheet HTML 7Page - Fairchild Semiconductor FDD8880 Datasheet HTML 8Page - Fairchild Semiconductor FDD8880 Datasheet HTML 9Page - Fairchild Semiconductor FDD8880 Datasheet HTML 10Page - Fairchild Semiconductor FDD8880 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
©200
8 Fairchild Semiconductor Corporation
FDD8880 Rev. B
3
SABER Electrical Model
rev April 2004
template FDD8880 n2,n1,n3
electrical n2,n1,n3
{
var i iscl
dp..model dbodymod = (isl=2e-12,ikf=10,nl=1.01,rs=3.76e-3,trs1=8e-4,trs2=2e-7,cjo=4.8e-10,m=0.55,tt=1e-17,xti=2)
dp..model dbreakmod = (rs=0.2,trs1=1e-3,trs2=-8.9e-6)
dp..model dplcapmod = (cjo=5.5e-10,isl=10e-30,nl=10,m=0.45)
m..model mmedmod = (type=_n,vto=2.0,kp=10,is=1e-30, tox=1)
m..model mstrongmod = (type=_n,vto=2.5,kp=170,is=1e-30, tox=1)
m..model mweakmod = (type=_n,vto=1.69,kp=0.05,is=1e-30, tox=1,rs=0.1)
sw_vcsp..model s1amod = (ron=1e-5,roff=0.1,von=-4,voff=-3.5)
sw_vcsp..model s1bmod = (ron=1e-5,roff=0.1,von=-3.5,voff=-4)
sw_vcsp..model s2amod = (ron=1e-5,roff=0.1,von=-1.3,voff=-0.8)
sw_vcsp..model s2bmod = (ron=1e-5,roff=0.1,von=-0.8,voff=-1.3)
c.ca n12 n8 = 9.5e-10
c.cb n15 n14 = 9.5e-10
c.cin n6 n8 = 1.15e-9
dp.dbody n7 n5 = model=dbodymod
dp.dbreak n5 n11 = model=dbreakmod
dp.dplcap n10 n5 = model=dplcapmod
spe.ebreak n11 n7 n17 n18 = 33.15
spe.eds n14 n8 n5 n8 = 1
spe.egs n13 n8 n6 n8 = 1
spe.esg n6 n10 n6 n8 = 1
spe.evthres n6 n21 n19 n8 = 1
spe.evtemp n20 n6 n18 n22 = 1
i.it n8 n17 = 1
l.lgate n1 n9 = 5.3e-9
l.ldrain n2 n5 = 1.0e-9
l.lsource n3 n7 = 1.7e-9
res.rlgate n1 n9 = 53
res.rldrain n2 n5 = 10
res.rlsource n3 n7 = 17
m.mmed n16 n6 n8 n8 = model=mmedmod, l=1u, w=1u
m.mstrong n16 n6 n8 n8 = model=mstrongmod, l=1u, w=1u
m.mweak n16 n21 n8 n8 = model=mweakmod, l=1u, w=1u
res.rbreak n17 n18 = 1, tc1=8.3e-4,tc2=-8e-7
res.rdrain n50 n16 = 3.2e-3, tc1=1.8e-3,tc2=8e-6
res.rgate n9 n20 = 2.2
res.rslc1 n5 n51 = 1e-6, tc1=9e-4,tc2=1e-6
res.rslc2 n5 n50 = 1e3
res.rsource n8 n7 = 3.2e-3, tc1=5e-3,tc2=1e-6
res.rvthres n22 n8 = 1, tc1=-1e-3,tc2=-8.2e-6
res.rvtemp n18 n19 = 1, tc1=-2.6e-3,tc2=2e-7
sw_vcsp.s1a n6 n12 n13 n8 = model=s1amod
sw_vcsp.s1b n13 n12 n13 n8 = model=s1bmod
sw_vcsp.s2a n6 n15 n14 n13 = model=s2amod
sw_vcsp.s2b n13 n15 n14 n13 = model=s2bmod
v.vbat n22 n19 = dc=1
equations {
i (n51->n50) +=iscl
iscl: v(n51,n50) = ((v(n5,n51)/(1e-9+abs(v(n5,n51))))*((abs(v(n5,n51)*1e6/170))** 5))
}
}
18
22
+
-
6
8
+
-
19
8
+
-
17
18
6
8
+
-
5
8
+
-
RBREAK
RVTEMP
VBAT
RVTHRES
IT
17
18
19
22
12
13
15
S1A
S1B
S2A
S2B
CA
CB
EGS
EDS
14
8
13
8
14
13
MWEAK
EBREAK
DBODY
RSOURCE
SOURCE
11
7
3
LSOURCE
RLSOURCE
CIN
RDRAIN
EVTHRES
16
21
8
MMED
MSTRO
DRAIN
2
LDRAIN
RLDRAIN
DBREAK
DPLCAP
ISCL
RSLC1
10
5
51
50
RSLC2
1
GATE
RGATE
EVTEMP
9
ESG
LGATE
RLGATE
20
+
-
+
-
+
-
6


Similar Part No. - FDD8880

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD8880 FAIRCHILD-FDD8880 Datasheet
127Kb / 11P
   N-Channel PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDD8880 VBSEMI-FDD8880 Datasheet
1,019Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD8880 ISC-FDD8880 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Youtai Semico...
FDD8880 UMW-FDD8880 Datasheet
436Kb / 8P
   30V N -Channel MOSFET
More results

Similar Description - FDD8880

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP090N10 FAIRCHILD-FDP090N10 Datasheet
508Kb / 8P
   N-Channel PowerTrench짰 MOSFET 100V, 75A, 9m廓
FDB8445 FAIRCHILD-FDB8445_10 Datasheet
342Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 70A, 9m廓
FDB3632 FAIRCHILD-FDB3632_12 Datasheet
489Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 80A, 9m廓
FDB3632_F085 FAIRCHILD-FDB3632_F085 Datasheet
489Kb / 11P
   N-Channel PowerTrench짰 MOSFET 100V, 80A, 9m廓
FDB8160 FAIRCHILD-FDB8160 Datasheet
329Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 80A, 1.8m廓
FDD8896 FAIRCHILD-FDD8896_12 Datasheet
1Mb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 94A, 5.7m廓
logo
ON Semiconductor
FDS8984-F085 ONSEMI-FDS8984-F085 Datasheet
485Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 7A, 23m廓
September-2017, Rev. 1
logo
Fairchild Semiconductor
FDMS8662 FAIRCHILD-FDMS8662 Datasheet
210Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 49A, 2.0m廓
FDD8870_F085 FAIRCHILD-FDD8870_F085_13 Datasheet
319Kb / 11P
   N-Channel PowerTrench짰 MOSFET 30V, 160A, 3.9m廓
FDP8896 FAIRCHILD-FDP8896_08 Datasheet
474Kb / 10P
   N-Channel PowerTrench짰 MOSFET 30V, 92A, 5.9m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com