Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD5N50 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FDD5N50
Description  N-Channel MOSFET 500V, 4A, 1.4廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N50 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDD5N50 Datasheet HTML 1Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 2Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 3Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 4Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 5Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 6Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 7Page - Fairchild Semiconductor FDD5N50 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
FDD5N50 Rev. A
www.fairchildsemi.com
5
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms


Similar Part No. - FDD5N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDD5N50 ISC-FDD5N50 Datasheet
298Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
logo
Inchange Semiconductor ...
FDD5N50F ISC-FDD5N50F Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5N50FTM FAIRCHILD-FDD5N50FTM Datasheet
758Kb / 8P
   N-Channel MOSFET, FRFET
More results

Similar Description - FDD5N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP5N50 FAIRCHILD-FDP5N50 Datasheet
265Kb / 10P
   N-Channel MOSFET 500V, 5A, 1.4廓
FDP5N50U FAIRCHILD-FDP5N50U_12 Datasheet
392Kb / 10P
   N-Channel MOSFET, FRFET 500V, 4A, 2.0廓
logo
Unisonic Technologies
4N50_1109 UTC-4N50_1109 Datasheet
183Kb / 6P
   4A, 500V N-CHANNEL POWER MOSFET
logo
Rectron Semiconductor
RM4N500LD RECTRON-RM4N500LD Datasheet
390Kb / 6P
   4A,500V N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDD5N50NZ FAIRCHILD-FDD5N50NZ Datasheet
519Kb / 8P
   N-Channel MOSFET 500V, 4A, 1.5?
logo
MagnaChip Semiconductor...
MDP5N50B MGCHIP-MDP5N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDF5N50 MGCHIP-MDF5N50 Datasheet
1,012Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
MDD5N50 MGCHIP-MDD5N50 Datasheet
971Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDIS5N50 MGCHIP-MDIS5N50 Datasheet
966Kb / 6P
   N-Channel MOSFET 500V, 4.4 A, 1.4(ohm)
MDP5N50 MGCHIP-MDP5N50 Datasheet
981Kb / 6P
   N-Channel MOSFET 500V, 5.0 A, 1.4(ohm)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com