Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB024N06 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDB024N06
Description  N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.4m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB024N06 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDB024N06 Datasheet HTML 1Page - Fairchild Semiconductor FDB024N06 Datasheet HTML 2Page - Fairchild Semiconductor FDB024N06 Datasheet HTML 3Page - Fairchild Semiconductor FDB024N06 Datasheet HTML 4Page - Fairchild Semiconductor FDB024N06 Datasheet HTML 5Page - Fairchild Semiconductor FDB024N06 Datasheet HTML 6Page - Fairchild Semiconductor FDB024N06 Datasheet HTML 7Page - Fairchild Semiconductor FDB024N06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FDB024N06 Rev. A3
www.fairchildsemi.com
6
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
VDS
+
_
Driver
RG
Same Type
as DUT
V
GS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
I SD
10V
VGS
( Driver )
I
SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
V
SD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
DUT
VDS
+
_
Driver
RG
Same Type
as DUT
V
GS
• dv/dt controlled by R
G
•I
SD controlled by pulse period
VDD
L
L
I SD
10V
VGS
( Driver )
I
SD
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
V
SD
I
FM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
D =
Gate Pulse Width
Gate Pulse Period
--------------------------


Similar Part No. - FDB024N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB024N04AL7 FAIRCHILD-FDB024N04AL7 Datasheet
390Kb / 9P
   FDB024N04AL7 N-Channel PowerTrench짰 MOSFET
FDB024N08BL7 FAIRCHILD-FDB024N08BL7 Datasheet
681Kb / 9P
   Synchronous Rectification for ATX / Server / Telecom PSU
More results

Similar Description - FDB024N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDI025N06 FAIRCHILD-FDI025N06 Datasheet
540Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.5m廓
FDP025N06 FAIRCHILD-FDP025N06 Datasheet
600Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 265A, 2.5m廓
FDB039N06 FAIRCHILD-FDB039N06_12 Datasheet
271Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 174A, 3.9m廓
FDB035AN06_F085 FAIRCHILD-FDB035AN06_F085 Datasheet
287Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.5m廓
FDP040N06 FAIRCHILD-FDP040N06 Datasheet
592Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 168A, 4.0m廓
FDI038AN06A0 FAIRCHILD-FDI038AN06A0_10 Datasheet
338Kb / 10P
   N-Channel PowerTrench짰 MOSFET 60V, 80A, 3.8m廓
FDD26AN06A0 FAIRCHILD-FDD26AN06A0_11 Datasheet
876Kb / 8P
   N-Channel PowerTrench짰 MOSFET 60V, 36A, 26m廓
FDD13AN06A0 FAIRCHILD-FDD13AN06A0_10 Datasheet
210Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 13.5m廓
FDD14AN06L_F085 FAIRCHILD-FDD14AN06L_F085_10 Datasheet
378Kb / 11P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 14.6m廓
logo
ON Semiconductor
FDD13AN06A0-F085 ONSEMI-FDD13AN06A0-F085 Datasheet
626Kb / 12P
   N-Channel PowerTrench짰 MOSFET 60V, 50A, 13.5m廓
September-2017, Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com