Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMC8678S Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDMC8678S
Description  N-Channel Power Trench짰 SyncFET TM 30V, 18A, 5.2m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC8678S Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDMC8678S Datasheet HTML 1Page - Fairchild Semiconductor FDMC8678S Datasheet HTML 2Page - Fairchild Semiconductor FDMC8678S Datasheet HTML 3Page - Fairchild Semiconductor FDMC8678S Datasheet HTML 4Page - Fairchild Semiconductor FDMC8678S Datasheet HTML 5Page - Fairchild Semiconductor FDMC8678S Datasheet HTML 6Page - Fairchild Semiconductor FDMC8678S Datasheet HTML 7Page - Fairchild Semiconductor FDMC8678S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
FDMC8678S Rev.C
SyncFET Schottky body diode
Characteristics
Fairchild’s SyncFET process embeds a Schottky diode in parallel
with
PowerTrench
MoSFET.
This
diode
exhibits
similar
characteristics to a discrete external Schottky diode in parallel
with a MOSFET. Figure 14 shows the reverses recovery
characteristic of the FDMC8678S.
Schottky barrier diodes exhibit significant leakage at high tem-
perature and high reverse voltage. This will increase the power
in the device.
Typical Characteristics (continued)
Figure 13. SyncFET body diode reverse
recovery characteristic
Figure 14. SyncFET body diode reverses
leakage versus drain-source voltage
TIME : 12.5ns/div
0
5
10
15
20
25
30
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
TJ = 125oC
TJ = 100oC
TJ = 25oC
V
DS, REVERSE VOLTAGE (V)


Similar Part No. - FDMC8678S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC8676 FAIRCHILD-FDMC8676 Datasheet
299Kb / 7P
   N-Channel PowerTrench MOSFET 30V, 18A, Low Profile - 1mm max in Power 33
FDMC8676 FAIRCHILD-FDMC8676 Datasheet
299Kb / 7P
   N-Channel PowerTrench MOSFET
FDMC8676 FAIRCHILD-FDMC8676_07 Datasheet
299Kb / 7P
   N-Channel PowerTrench MOSFET
More results

Similar Description - FDMC8678S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC8296 FAIRCHILD-FDMC8296 Datasheet
296Kb / 7P
   N-Channel Power Trench짰 MOSFET 30V, 18A, 8.0m廓
FDS8672S FAIRCHILD-FDS8672S Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 SyncFET??30V, 18A, 4.8m廓
FDMS8670AS FAIRCHILD-FDMS8670AS_08 Datasheet
245Kb / 8P
   N-Channel PowerTrench짰 SyncFET TM 30V, 42A, 3.0m廓
FDMC4435BZ FAIRCHILD-FDMC4435BZ Datasheet
375Kb / 7P
   P-Channel Power Trench짰 MOSFET -30V, -18A, 20.0m廓
FDMC8296 FAIRCHILD-FDMC8296_10 Datasheet
372Kb / 7P
   N-Channel Power Trench짰 MOSFET 30V, 18A, 8.0m
FDMC8884 FAIRCHILD-FDMC8884 Datasheet
296Kb / 7P
   N-Channel Power Trench짰 MOSFET 30V, 15A, 19m廓
FDMS8670 FAIRCHILD-FDMS8670 Datasheet
316Kb / 7P
   N-Channel Power Trench짰 MOSFET 30V, 42A, 2.6m廓
FDU6676AS FAIRCHILD-FDU6676AS Datasheet
161Kb / 7P
   N-Channel PowerTrench SyncFET TM 30V, 90A, 5.8mOhm
FDMS8670S FAIRCHILD-FDMS8670S_07 Datasheet
231Kb / 8P
   N-Channel PowerTrench짰 SyncFET TM 30V, 42A, 3.5m?
FDMC7570S FAIRCHILD-FDMC7570S Datasheet
372Kb / 8P
   N-Channel Power Trench짰 SyncFET 25 V, 40 A, 2 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com