Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

STP80NF55L-08 Datasheet(PDF) 3 Page - STMicroelectronics

Part No. STP80NF55L-08
Description  N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET™ II POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80NF55L-08 Datasheet(HTML) 3 Page - STMicroelectronics

  STP80NF55L-08 Datasheet HTML 1Page - STMicroelectronics STP80NF55L-08 Datasheet HTML 2Page - STMicroelectronics STP80NF55L-08 Datasheet HTML 3Page - STMicroelectronics STP80NF55L-08 Datasheet HTML 4Page - STMicroelectronics STP80NF55L-08 Datasheet HTML 5Page - STMicroelectronics STP80NF55L-08 Datasheet HTML 6Page - STMicroelectronics STP80NF55L-08 Datasheet HTML 7Page - STMicroelectronics STP80NF55L-08 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3/8
STP80NF55L-08
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING ON
SWITCHING OFF
SOURCE DRAIN DIODE
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by safe operating area.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time
VDD =27V, ID =40A
RG = 4.7Ω VGS =4.5V
(see test circuit, Figure 3)
35
ns
tr
Rise Time
145
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD =27.5V,ID = 80A,
VGS = 4.5V
75
20
30
100
nC
nC
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(off)
tf
Turn-off-Delay Time
Fall Time
VDD = 27V, ID =40A,
RG =4.7Ω, VGS = 4.5V
(see test circuit, Figure 3)
85
65
ns
ns
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain Current
80
A
ISDM (2)
Source-drain Current (pulsed)
320
A
VSD (2)
Forward On Voltage
ISD = 80A, VGS =0
1.5
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 80A, di/dt = 100A/µs,
VDD =20V, Tj = 150°C
(see test circuit, Figure 5)
85
280
6.5
ns
nC
A


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn