Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF1004 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FPF1004
Description  IntelliMAX??Advanced Load Management Products
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF1004 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FPF1004 Datasheet HTML 1Page - Fairchild Semiconductor FPF1004 Datasheet HTML 2Page - Fairchild Semiconductor FPF1004 Datasheet HTML 3Page - Fairchild Semiconductor FPF1004 Datasheet HTML 4Page - Fairchild Semiconductor FPF1004 Datasheet HTML 5Page - Fairchild Semiconductor FPF1004 Datasheet HTML 6Page - Fairchild Semiconductor FPF1004 Datasheet HTML 7Page - Fairchild Semiconductor FPF1004 Datasheet HTML 8Page - Fairchild Semiconductor FPF1004 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FPF1003-FPF1004 Rev. H
Typical Characteristics
Figure 1. Quiescent Current vs.VIN
Figure 2. ON Threshold vs. VIN
Figure 3. Quiescent Current vs. Temperature
Figure 4. Quiescent Current (off) vs. Temperature
Figure 5. ISWITCH-OFF Current vs. Temperature
Figure 6. ISWITCH-OFF Current vs. VIN
0
2
4
6
8
10
1234
56
789
10
SUPPLY VOLTAGE (V)
VON = VIN
VON = 0V
0.0
0.5
1.0
1.5
2.0
2.5
12345
6
SUPPLY VOLTAGE (V)
MAX LIMIT
TYPICAL
0
2
4
6
8
10
12
14
16
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (oC)
VIN = 3.3V
VIN = 5.5V
0
2
4
6
8
10
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN = 3.3V
VIN = 5.5V
0
200
400
600
800
1000
1200
1400
1600
-50
-25
0
25
50
75
100
TJ, JUNCTION TEMPERATURE (oC)
VIN= 5.5V
VIN = 3.3V
0
20
40
60
80
100
120
140
160
12345
6
SUPPLY VOLTAGE (V)


Similar Part No. - FPF1004

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF1004 FAIRCHILD-FPF1004 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
More results

Similar Description - FPF1004

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100 Datasheet
431Kb / 12P
   IntelliMAX Advanced Load Management Products
FPF2006 FAIRCHILD-FPF2006 Datasheet
516Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2123 FAIRCHILD-FPF2123_06 Datasheet
368Kb / 13P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172 Datasheet
462Kb / 11P
   IntelliMAX??Advanced Load Management Products
FPF2100 FAIRCHILD-FPF2100_08 Datasheet
361Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003A FAIRCHILD-FPF1003A Datasheet
606Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2000 FAIRCHILD-FPF2000_08 Datasheet
341Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF1003_0612 FAIRCHILD-FPF1003_0612 Datasheet
496Kb / 9P
   IntelliMAX??Advanced Load Management Products
FPF2172 FAIRCHILD-FPF2172_08 Datasheet
542Kb / 10P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com