Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSM6403MTC20X Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSM6403MTC20X
Description  Triple Video Drivers with Selectable HD/PS/SD Bypass Filters for RGB and YPbPr Signals
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSM6403MTC20X Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSM6403MTC20X Datasheet HTML 1Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 2Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 3Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 4Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 5Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 6Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 7Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 8Page - Fairchild Semiconductor FSM6403MTC20X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6403 • Rev. 1.0.4
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
DC Supply Voltage
-0.3
+6.6
V
VIO
Analog and Digital I/O
-0.3
VCC + 0.3
V
IOUT
Output Current, Any One Channel, Do Not Exceed
60
mA
Note
:
1.
Functional operation under any of these conditions is not implied.
Reliability Information
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65
+150
°C
TL
Lead Temperature, Soldering 10 seconds
+300
°C
ΘJA
Thermal Resistance, JEDEC Standard Multi-layer Test
Boards, Still Air
74
°C/W
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Typ.
Max.
Unit
TA
Operating Temperature Range
0
70
°C
VCC
VCC Range
4.75
5.00
5.25
V
RSOURCE
Input Source Resistance
150
Ω


Similar Part No. - FSM6403MTC20X

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FSM6J MACOM-FSM6J Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM6J MACOM-FSM6J Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM6JA MACOM-FSM6JA Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM6JA MACOM-FSM6JA Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
FSM6JAA MACOM-FSM6JAA Datasheet
292Kb / 8P
   Tactile Switches, .138 [3.5] x .236 [6], Through Hole
More results

Similar Description - FSM6403MTC20X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6403 FAIRCHILD-FMS6403_05 Datasheet
291Kb / 17P
   Triple Video Drivers with Selectable HD/PS/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6403 FAIRCHILD-FMS6403 Datasheet
426Kb / 1P
   Triple Video Drivers w/Selectable HD/Progressive/SD/ Bypass Filters for RGB and YPbPr Signals
FMS6418B FAIRCHILD-FMS6418B Datasheet
313Kb / 11P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB, YUV or YPbPr Signals
FMS6407 FAIRCHILD-FMS6407 Datasheet
59Kb / 1P
   Triple Video Drivers with Selectable HD/Progressive/SD/Bypass Filters
FMS6407 FAIRCHILD-FMS6407_05 Datasheet
370Kb / 17P
   Triple Video Drivers with Selectable HD/Progressive/SD/Bypass Filters
logo
Unisonic Technologies
VF8418 UTC-VF8418 Datasheet
165Kb / 6P
   TRIPLE VIDEO DRIVER WITH SELECTABLE HD/SD VIDEO FILTERS FOR RGB OR YUV SIGNALS
logo
Fairchild Semiconductor
FMS6418A FAIRCHILD-FMS6418A Datasheet
202Kb / 10P
   Triple Video Driver with Selectable HD/SD Video Filters for RGB or YUV Signals
logo
ON Semiconductor
NCS2566 ONSEMI-NCS2566 Datasheet
220Kb / 13P
   Six-Channel Video Driver with Triple SD & Triple Selectable SD/HD Filters
September, 2009 ??Rev. 2
logo
Analog Devices
ADA4412-3 AD-ADA4412-3 Datasheet
384Kb / 16P
   Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB, HD/SD
REV. 0
logo
STMicroelectronics
TSH345 STMICROELECTRONICS-TSH345 Datasheet
163Kb / 14P
   Triple video buffer with selectable filter for HD and SD video applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com