Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6141S5X Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FMS6141S5X
Description  Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6141S5X Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FMS6141S5X Datasheet HTML 3Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 4Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 5Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 6Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 7Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 8Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 9Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 10Page - Fairchild Semiconductor FMS6141S5X Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6141 Rev. 1.0.1
8
Layout Considerations
General layout and supply bypassing play a major role
in
high-frequency
performance
and
thermal
characteristics. Fairchild offers a demonstration board
for the FMS6141 to guide layout and aid device
evaluation. The demo board is a four-layer board with
full power and ground planes. Following this layout
configuration provides
optimum performance and
thermal characteristics for the device. For the best
results, follow the steps and recommended routing rules
listed below.
Recommended Routing/Layout Rules
Do not run analog and digital signals in parallel.
Use separate analog and digital power planes to
supply power.
Traces should run on top of the ground plane at all
times.
No trace should run over ground/power splits.
Avoid routing at 90-degree angles.
Minimize
clock
and
video
data
trace
length
differences.
Include 10µF and 0.1µF ceramic power supply bypass
capacitors.
Place the 0.1µF capacitor within 0.1 inches of the
device power pin.
Place the 10µF capacitor within 0.75 inches of the
device power pin.
For multilayer boards, use a large ground plane to
help dissipate heat.
For two-layer boards, use a ground plane that extends
beyond the device body by at least 0.5 inches on all
sides. Include a metal paddle under the device on the
top layer.
Minimize all trace lengths to reduce series inductance.
Thermal Considerations
Since the interior of most systems, such as set-top
boxes, TVs, and DVD players are at +70ºC;
consideration must be given to providing an adequate
heat sink for the device package for maximum heat
dissipation. When designing a system board, determine
how much power each device dissipates. Ensure that
devices of high power are not placed in the same
location, such as directly above (top plane) and below
(bottom plane) each other on the PCB.
PCB Thermal Layout Considerations
Understand the system power requirements and
environmental conditions.
Maximize thermal performance of the PCB.
Consider using 70µm of copper for high-power
designs.
Make the PCB as thin as possible by reducing FR4
thickness.
Use vias in power pad to tie adjacent layers together.
Remember that baseline temperature is a function of
board area, not copper thickness.
Modeling techniques can provide a first-order
approximation.
Power Dissipation
Consider the FMS6141’s output drive configuration
when calculating overall power dissipation. Care must
be taken not to exceed the maximum die junction
temperature. The following example can be used to
calculate the FMS6141’s power dissipation and internal
temperature rise.
TJ = TA + PCHANNEL ΘJA
where PCHANNEL = VCC • ICH + (VO
2/R
L)
VO = 2VIN + 0.280V
ICH = ICC + (VO/RL)
VIN = RMS value of input signal
ICC = 7mA
VS = 5V
RL = channel load resistance
The FMS6141 is specified to operate with output
currents typically less than 50mA, which is more than
sufficient for a dual (75Ω) video load. The internal
amplifiers of the FMS6141 are current limited to a
maximum of 100mA and can withstand a brief-duration
short-circuit condition, but this capability is not guaranteed.


Similar Part No. - FMS6141S5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6141S5X FAIRCHILD-FMS6141S5X Datasheet
274Kb / 11P
   Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Driver
logo
ON Semiconductor
FMS6141S5X ONSEMI-FMS6141S5X Datasheet
149Kb / 11P
   Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Drive
October-2017, Rev . 2
More results

Similar Description - FMS6141S5X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6141 FAIRCHILD-FMS6141 Datasheet
274Kb / 11P
   Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Driver
FMS6145 FAIRCHILD-FMS6145 Datasheet
63Kb / 1P
   Low Cost Five Channel 4th Order Standard Definition Video Filter Driver
FMS6146 FAIRCHILD-FMS6146 Datasheet
44Kb / 1P
   Low Cost Six Channel 4th Order Standard Definition Video Filter Driver
FMS6143 FAIRCHILD-FMS6143 Datasheet
47Kb / 1P
   Low Cost Three Channel 4th Order Standard Definition Video Filter Driver
logo
ON Semiconductor
FMS6141 ONSEMI-FMS6141 Datasheet
149Kb / 11P
   Low-Cost, Single-Channel 4th-Order Standard Definition Video Filter Drive
October-2017, Rev . 2
logo
Unisonic Technologies
VF8143 UTC-VF8143 Datasheet
164Kb / 5P
   LOW-COST Three-Channel 4TH-ORDER STANDARD DEFINITION VIDEO FILTERS
VF8146 UTC-VF8146 Datasheet
182Kb / 5P
   LOW-COST SIX-CHANNEL 4TH-ORDER STANDARD DEFINITION VIDEO FILTERS
logo
Fairchild Semiconductor
FMS6143A FAIRCHILD-FMS6143A Datasheet
400Kb / 13P
   Low-Cost Three-Channel 6th-Order Standard Definition Video Filter Driver
logo
ON Semiconductor
FMS6143 ONSEMI-FMS6143 Datasheet
837Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Def nition Video Filter Driver
October-2017, Rev. 5
logo
Fairchild Semiconductor
FMS6143 FAIRCHILD-FMS6143_08 Datasheet
648Kb / 11P
   Low-Cost Three-Channel 4th-Order Standard Defi nition Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com