Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXM2IC102L8X Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FXM2IC102L8X
Description  Dual Supply 2-Bit I2C Interface Voltage Translator with Configurable Voltage Supplies and Signal Levels and Auto Direction Sensing
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXM2IC102L8X Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FXM2IC102L8X Datasheet HTML 1Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 2Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 3Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 4Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 5Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 6Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 7Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 8Page - Fairchild Semiconductor FXM2IC102L8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXM2IC102 Rev. 1.0.0
5
DC Electrical Characteristics (T
A = –40°C to +85°C)
Notes:
3. This is the output voltage for static conditions. Dynamic drive specifications are given in “Dynamic Output Electrical
Characteristics.”
4. “Don’t Care” indicates any valid logic level.
5. VCCI is the VCC associated with the input side.
6. Reflects current per supply, VCCA or VCCB.
Symbol
Parameter
VCCA (V)
VCCB (V)
Conditions
Min.
Max.
Units
VIHA
High Level Input
Voltage
1.65–5.5
1.65–5.5
Data Inputs An
0.7 x VCCA
V
1.65–5.5
1.65–5.5
Control Input OE
0.9 x VCCA
VIHB
1.65–5.5
1.65–5.5
Data Inputs Bn
0.7 x VCCB
V
VILA
Low Level Input
Voltage
1.65–5.5
1.65–5.5
Data Inputs An
0.3 x VCCA
V
1.65–5.5
1.65–5.5
Control Input OE
0.1 x VCCA
VILB
1.65–5.5
1.65–5.5
Data Inputs Bn
0.3 x VCCB
V
VOLA
(3)
Low Level
Output Voltage
1.65–2.3
1.65–5.5
A Port
IOL = 3mA
0.1 x VCCA
V
3.0–5.5
1.65–5.5
IOL = 6mA
0.2
VOLB
(3)
1.65–5.5
1.65–2.3
B Port
IOL = 3mA
0.1 x VCCB
V
1.65–5.5
3.0–5.5
IOL = 6mA
0.2
II
Input Leakage Cur-
rent
1.65–5.5
1.65–5.5
Control input OE,
VI = VCCA or GND
±1.0
µA
IOFF
Power Off Leakage
Current
0
5.5
An
VI or VO = 0V to
5.5V
±2.0
µA
5.5
0
Bn
VI or VO = 0V to
5.5V
±2.0
IOZ
(4)
3-State Output
Leakage
5.5
5.5
An, Bn
VO = 0V to 5.5V,
OE = VIL
±2.0
µA
5.5
0
An
VO = 0V to 5.5V,
OE = Don’t Care
±2.0
0
5.5
Bn
VO = 0V to 5.5V,
OE = Don’t Care
±2.0
ICCA/B
(5)(6)
Quiescent Supply
Current
1.65–5.5
1.65–5.5
VI = VCCI or GND, IO = 0
5.0
µA
ICCZ
(5)
Quiescent Supply
Current
1.65–5.5
1.65–5.5
VI = VCCI or GND, IO = 0, OE
= VIL
5.0
µA
ICCA
Quiescent Supply
Current
0
1.65–5.5
VI = 5.5V or GND, IO = 0,
OE = Don’t Care, Bn to An
–2.0
µA
1.65–5.5
0
2.0
ICCB
Quiescent Supply
Current
1.65–5.5
0
VI = 5.5V or GND, IO = 0,
OE = Don’t Care, An to Bn
–2.0
µA
0
1.65–5.5
2.0


Similar Part No. - FXM2IC102L8X

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
FXM ILLINOISCAPACITOR-FXM Datasheet
245Kb / 2P
   Low Profile - High Voltage - General Purpose
logo
Fairchild Semiconductor
FXMA108 FAIRCHILD-FXMA108 Datasheet
628Kb / 18P
   Dual-Supply, 8-Bit Signal Translator with Configurable Voltage Supplies and Signals Levels, 3-State Outputs and Auto Direction Sensing
logo
ON Semiconductor
FXMA108 ONSEMI-FXMA108 Datasheet
646Kb / 20P
   Dual-Supply, 8-Bit Signal Translator
July 2010 Rev. 1.0.1
logo
Fairchild Semiconductor
FXMA108BQX FAIRCHILD-FXMA108BQX Datasheet
628Kb / 18P
   Dual-Supply, 8-Bit Signal Translator with Configurable Voltage Supplies and Signals Levels, 3-State Outputs and Auto Direction Sensing
logo
ON Semiconductor
FXMA108BQX ONSEMI-FXMA108BQX Datasheet
646Kb / 20P
   Dual-Supply, 8-Bit Signal Translator
July 2010 Rev. 1.0.1
More results

Similar Description - FXM2IC102L8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102 Datasheet
578Kb / 14P
   Low Voltage Dual Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108_12 Datasheet
644Kb / 17P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108 Datasheet
291Kb / 16P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXMA108 FAIRCHILD-FXMA108 Datasheet
628Kb / 18P
   Dual-Supply, 8-Bit Signal Translator with Configurable Voltage Supplies and Signals Levels, 3-State Outputs and Auto Direction Sensing
FXLA0104 FAIRCHILD-FXLA0104 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels,
FXL2T245 FAIRCHILD-FXL2T245 Datasheet
357Kb / 9P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com