Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXLA102 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FXLA102
Description  Low Voltage Dual Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXLA102 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FXLA102 Datasheet HTML 6Page - Fairchild Semiconductor FXLA102 Datasheet HTML 7Page - Fairchild Semiconductor FXLA102 Datasheet HTML 8Page - Fairchild Semiconductor FXLA102 Datasheet HTML 9Page - Fairchild Semiconductor FXLA102 Datasheet HTML 10Page - Fairchild Semiconductor FXLA102 Datasheet HTML 11Page - Fairchild Semiconductor FXLA102 Datasheet HTML 12Page - Fairchild Semiconductor FXLA102 Datasheet HTML 13Page - Fairchild Semiconductor FXLA102 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXLA102 Rev. 1.0.0
11
Figure 5. Active Output Rise Time and Dynamic
Output Current HIGH
Figure 6. Active Output Fall Time and Dynamic
Output Current LOW
trise
80% x VCCO
20% x VCCO
IOHD ≈ (CL +CI/O) x
= (CL +CI/O) x
∆VOUT
∆t
VOH
VOL
VOUT
Time
(20% – 80%) x VCCO
tRISE
tfall
80% x VCCO
20% x VCCO
VOL
VOH
VOUT
Time
IOLD ≈ (CL +CI/O) x
= (CL +CI/O) x
∆VOUT
∆t
(80% – 20%) x VCCO
tFALL
Figure 7. Maximum Data Rate
Figure 8. Output Skew Time
VCCI
VCCI/2
VCCI/2
GND
DATA
IN
tW
Max. data rate, f = 1/tW
VCCO
Vmo
tskew
tskew
Vmo
GND
DATA
OUTPUT
tskew = (tpHLmax – tpHLmin) or (tpLHmax – tpLHmin)
VCCO
Vmo
Vmo
GND
DATA
OUTPUT


Similar Part No. - FXLA102

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXLA102 ONSEMI-FXLA102 Datasheet
623Kb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator
October-2017, Rev. 2
FXLA102L8X ONSEMI-FXLA102L8X Datasheet
623Kb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator
October-2017, Rev. 2
logo
Fairchild Semiconductor
FXLA102L8X FAIRCHILD-FXLA102L8X_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
More results

Similar Description - FXLA102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108_12 Datasheet
644Kb / 17P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA108 FAIRCHILD-FXLA108 Datasheet
291Kb / 16P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXMA108 FAIRCHILD-FXMA108 Datasheet
628Kb / 18P
   Dual-Supply, 8-Bit Signal Translator with Configurable Voltage Supplies and Signals Levels, 3-State Outputs and Auto Direction Sensing
FXM2IC102 FAIRCHILD-FXM2IC102 Datasheet
565Kb / 14P
   Dual Supply 2-Bit I2C Interface Voltage Translator with Configurable Voltage Supplies and Signal Levels and Auto Direction Sensing
FXL2T245 FAIRCHILD-FXL2T245 Datasheet
357Kb / 9P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL2TD245 FAIRCHILD-FXL2TD245 Datasheet
747Kb / 12P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com