Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXL2SD106BQX Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FXL2SD106BQX
Description  Low Voltage Dual Supply 6-Bit SD Interface Voltage Translator with Configurable Voltage Supplies
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXL2SD106BQX Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FXL2SD106BQX Datasheet HTML 6Page - Fairchild Semiconductor FXL2SD106BQX Datasheet HTML 7Page - Fairchild Semiconductor FXL2SD106BQX Datasheet HTML 8Page - Fairchild Semiconductor FXL2SD106BQX Datasheet HTML 9Page - Fairchild Semiconductor FXL2SD106BQX Datasheet HTML 10Page - Fairchild Semiconductor FXL2SD106BQX Datasheet HTML 11Page - Fairchild Semiconductor FXL2SD106BQX Datasheet HTML 12Page - Fairchild Semiconductor FXL2SD106BQX Datasheet HTML 13Page - Fairchild Semiconductor FXL2SD106BQX Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXL2SD106 Rev. 1.8.0
10
Figure 5. Active Output Rise Time and Dynamic
Output Current High
Figure 6. Active Output Fall Time and Dynamic
Output Current Low
trise
80% x VCCO
20% x VCCO
IOHD ≈ (CL +CI/O) x
= (CL +CI/O) x
∆VOUT
∆t
VOH
VOL
VOUT
Time
(20% – 80%) x VCCO
tRISE
tfall
80% x VCCO
20% x VCCO
VOL
VOH
VOUT
Time
IOLD ≈ (CL +CI/O) x
= (CL +CI/O) x
∆VOUT
∆t
(80% – 20%) x VCCO
tFALL
Figure 7. Maximum Data Rate
Figure 8. Output Skew Time
VCCI
VCCI/2
VCCI/2
GND
DATA
IN
tW
Max. data rate, f = 1/tW
VCCO
Vmo
tskew
tskew
Vmo
GND
DATA
OUTPUT
tskew = (tpHLmax – tpHLmin) or (tpLHmax – tpLHmin)
VCCO
Vmo
Vmo
GND
DATA
OUTPUT


Similar Part No. - FXL2SD106BQX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXL2SD106BQX ONSEMI-FXL2SD106BQX Datasheet
598Kb / 13P
   Low-Voltage Dual-Supply 6-Bit Voltage Translator
June 2011 Rev. 1.8.1
logo
Fairchild Semiconductor
FXL2SD106BQX FAIRCHILD-FXL2SD106BQX_11 Datasheet
294Kb / 11P
   Low-Voltage Dual-Supply 6-Bit Voltage Translator with Auto-Direction Sensing
More results

Similar Description - FXL2SD106BQX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXL5T244 FAIRCHILD-FXL5T244 Datasheet
514Kb / 8P
   Low Voltage Dual Supply 5-Bit Signal Translator with Configurable Voltage Supplies with Configurable Voltage Supplies
FXLA0104 FAIRCHILD-FXLA0104 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels,
logo
ON Semiconductor
FXL2SD106 ONSEMI-FXL2SD106 Datasheet
598Kb / 13P
   Low-Voltage Dual-Supply 6-Bit Voltage Translator
June 2011 Rev. 1.8.1
logo
Fairchild Semiconductor
FXL2SD106 FAIRCHILD-FXL2SD106_11 Datasheet
294Kb / 11P
   Low-Voltage Dual-Supply 6-Bit Voltage Translator with Auto-Direction Sensing
logo
National Semiconductor ...
54LVXC3245 NSC-54LVXC3245 Datasheet
116Kb / 10P
   8-Bit Dual Supply Configurable Voltage Interface
logo
Fairchild Semiconductor
FXM2IC102 FAIRCHILD-FXM2IC102 Datasheet
565Kb / 14P
   Dual Supply 2-Bit I2C Interface Voltage Translator with Configurable Voltage Supplies and Signal Levels and Auto Direction Sensing
logo
ON Semiconductor
FXLA101 ONSEMI-FXLA101 Datasheet
671Kb / 20P
   Low-Voltage Dual-Supply 1-Bit Voltage Translator
March 2012 Rev. 1.0.4
FXLA104 ONSEMI-FXLA104 Datasheet
229Kb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator
September-2017, Rev. 2
FXLA102 ONSEMI-FXLA102 Datasheet
623Kb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator
October-2017, Rev. 2
FXLA108 ONSEMI-FXLA108 Datasheet
623Kb / 19P
   Low-Voltage Dual-Supply 8-Bit Voltage Translator
March 2012 Rev. 1.0.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com