Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMC8296 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDMC8296
Description  N-Channel Power Trench짰 MOSFET 30V, 18A, 8.0m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMC8296 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDMC8296 Datasheet HTML 1Page - Fairchild Semiconductor FDMC8296 Datasheet HTML 2Page - Fairchild Semiconductor FDMC8296 Datasheet HTML 3Page - Fairchild Semiconductor FDMC8296 Datasheet HTML 4Page - Fairchild Semiconductor FDMC8296 Datasheet HTML 5Page - Fairchild Semiconductor FDMC8296 Datasheet HTML 6Page - Fairchild Semiconductor FDMC8296 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.fairchildsemi.com
3
FDMC8296 Rev.B
Typical Characteristics T
J = 25°C unless otherwise noted
Figure 1.
0
1
23
45
0
10
20
30
40
50
V
GS = 3V
V
GS = 4.5V
V
GS = 3.5V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
V
GS = 4V
V
GS = 10V
V
DS
, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure 2.
010
20
30
40
50
0
1
2
3
4
5
6
V
GS = 10V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
ID, DRAIN CURRENT(A)
V
GS = 4V
V
GS = 3.5V
V
GS = 3V
V
GS = 4.5V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On- Resistance
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ID = 12A
VGS = 10V
TJ, JUNCTION TEMPERATURE (
oC
)
vs Junction Temperature
Figure 4.
2468
10
0
10
20
30
40
50
ID = 12A
TJ = 25oC
TJ = 125oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
123
45
0
10
20
30
40
50
TJ = 25oC
TJ = -55oC
VDS = 5V
PULSE DURATION = 80µs
DUTY CYCLE = 0.5%MAX
TJ = 150oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
TJ = -55oC
TJ = 25oC
TJ = 150oC
VGS = 0V
VSD, BODY DIODE FORWARD VOLTAGE (V)
50
Source to Drain Diode
Forward Voltage vs Source Current


Similar Part No. - FDMC8296

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC8296 FAIRCHILD-FDMC8296_10 Datasheet
372Kb / 7P
   N-Channel Power Trench짰 MOSFET 30V, 18A, 8.0m
More results

Similar Description - FDMC8296

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMC8296 FAIRCHILD-FDMC8296_10 Datasheet
372Kb / 7P
   N-Channel Power Trench짰 MOSFET 30V, 18A, 8.0m
FDMC4435BZ FAIRCHILD-FDMC4435BZ Datasheet
375Kb / 7P
   P-Channel Power Trench짰 MOSFET -30V, -18A, 20.0m廓
FDMC8678S FAIRCHILD-FDMC8678S Datasheet
282Kb / 8P
   N-Channel Power Trench짰 SyncFET TM 30V, 18A, 5.2m廓
FDMC8884 FAIRCHILD-FDMC8884 Datasheet
296Kb / 7P
   N-Channel Power Trench짰 MOSFET 30V, 15A, 19m廓
FDMS8670 FAIRCHILD-FDMS8670 Datasheet
316Kb / 7P
   N-Channel Power Trench짰 MOSFET 30V, 42A, 2.6m廓
FDMS8690 FAIRCHILD-FDMS8690_07 Datasheet
308Kb / 7P
   N-Channel Power Trench짰 MOSFET 30V, 27A, 9.0m?
FDD5353 FAIRCHILD-FDD5353 Datasheet
285Kb / 6P
   N-Channel Power Trench짰 MOSFET 60V, 50A, 12.3m廓
FDMC8878 FAIRCHILD-FDMC8878_12 Datasheet
953Kb / 7P
   N-Channel Power Trench짰 MOSFET 30V, 16.5A, 14m
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085_12 Datasheet
417Kb / 7P
   N-Channel Power Trench짰 MOSFET 40V, 50A, 6.5m廓
FDB9403-F085 FAIRCHILD-FDB9403-F085 Datasheet
484Kb / 6P
   N-Channel Power Trench짰 MOSFET 40V, 110A, 1.2m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com