Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB3502 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDB3502
Description  N-Channel Power Trench짰 MOSFET 75V, 14A, 47m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB3502 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDB3502 Datasheet HTML 1Page - Fairchild Semiconductor FDB3502 Datasheet HTML 2Page - Fairchild Semiconductor FDB3502 Datasheet HTML 3Page - Fairchild Semiconductor FDB3502 Datasheet HTML 4Page - Fairchild Semiconductor FDB3502 Datasheet HTML 5Page - Fairchild Semiconductor FDB3502 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
©2008 Fairchild Semiconductor Corporation
FDB3502 Rev.C2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = 250µA, VGS = 0V
75
V
∆BV
DSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250µA, referenced to 25°C
70
mV/°C
IDSS
Zero Gate Voltage Drain Current
VGS = 0V, VDS = 60V,
1
µA
IGSS
Gate to Source Leakage Current
VGS = ±20V, VDS = 0V
±100
nA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250µA
2.5
3.8
4.5
V
∆V
GS(th)
∆T
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250µA, referenced to 25°C
-10
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10V, ID = 6A
37
47
m
VGS = 10V, ID = 6A, TJ = 125°C
63
80
gFS
Forward Transconductance
VDD = 10V, ID = 6A
13
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 40V, VGS = 0V,
f = 1MHz
615
815
pF
Coss
Output Capacitance
75
105
pF
Crss
Reverse Transfer Capacitance
35
40
pF
Rg
Gate Resistance
f = 1MHz
1.5
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 40V, ID = 6A,
VGS = 10V, RGEN = 6Ω
9
17
ns
tr
Rise Time
3
10
ns
td(off)
Turn-Off Delay Time
13
22
ns
tf
Fall Time
3
10
ns
Qg
Total Gate Charge at 10V
VDD = 40V
ID = 6A
11
15
nC
Qgs
Gate to Source Charge
4
nC
Qgd
Gate to Drain “Miller” Charge
3
nC
Drain-Source Diode Characteristics
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = 2.6A
(Note 2)
0.78
1.2
V
VGS = 0V, IS = 6A
(Note 2)
0.83
1.3
trr
Reverse Recovery Time
IF = 6A, di/dt = 100A/µs
25
41
ns
Qrr
Reverse Recovery Charge
17
32
nC
Notes:
1: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins.
RθJC is guaranteed by design while RθJA is determined by the user’s board design.
a
. 40°C/W when mounted on a 1 in2 pad of 2 oz copper
b
. 62.5°C/W when mounted on a minimum pad.
2: Pulse Test: Pulse Width < 300
µs, Duty cycle < 2.0%.
3: Starting TJ = 25°C, L = 3mH, IAS = 6A, VDD = 75V, VGS = 10V.


Similar Part No. - FDB3502

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FDB3502 DEC-FDB3502 Datasheet
452Kb / 2P
   35 AMP FAST RECOVERY BRIDGE RECTIFIERS
logo
Inchange Semiconductor ...
FDB3502 ISC-FDB3502 Datasheet
328Kb / 2P
   isc N-Channel MOSFET Transistor
logo
DIOTEC Electronics Corp...
FDB3502P DEC-FDB3502P Datasheet
451Kb / 2P
   35 AMP FAST RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - FDB3502

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FDD120AN15A0-F085 ONSEMI-FDD120AN15A0-F085 Datasheet
447Kb / 7P
   N-Channel Power Trench짰 MOSFET 150V, 14A, 120m廓
September-2017, Rev. 3
logo
Fairchild Semiconductor
FDMS3500 FAIRCHILD-FDMS3500 Datasheet
294Kb / 7P
   N-Channel Power Trench짰 MOSFET 75V, 49A, 14.5m廓
FDMS2572 FAIRCHILD-FDMS2572_07 Datasheet
513Kb / 7P
   N-Channel UltraFET Trench짰 MOSFET 150V, 27A, 47m?
FDP2710 FAIRCHILD-FDP2710_10 Datasheet
442Kb / 7P
   N-Channel PowerTrench짰 MOSFET 250V, 50A, 47m廓
FDD5353 FAIRCHILD-FDD5353 Datasheet
285Kb / 6P
   N-Channel Power Trench짰 MOSFET 60V, 50A, 12.3m廓
FDD8453LZ_F085 FAIRCHILD-FDD8453LZ_F085_12 Datasheet
417Kb / 7P
   N-Channel Power Trench짰 MOSFET 40V, 50A, 6.5m廓
FDB9403-F085 FAIRCHILD-FDB9403-F085 Datasheet
484Kb / 6P
   N-Channel Power Trench짰 MOSFET 40V, 110A, 1.2m廓
logo
ON Semiconductor
FDWS5360L-F085 ONSEMI-FDWS5360L-F085 Datasheet
540Kb / 7P
   N-Channel Power Trench짰 MOSFET 60V, 60A, 8.5m廓
August-2017, Rev. 2
logo
Fairchild Semiconductor
FDMC8884 FAIRCHILD-FDMC8884 Datasheet
296Kb / 7P
   N-Channel Power Trench짰 MOSFET 30V, 15A, 19m廓
FDMS8670 FAIRCHILD-FDMS8670 Datasheet
316Kb / 7P
   N-Channel Power Trench짰 MOSFET 30V, 42A, 2.6m廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com