Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7711 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN7711
Description  Ballast Control Integrated Circuit
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7711 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN7711 Datasheet HTML 1Page - Fairchild Semiconductor FAN7711 Datasheet HTML 2Page - Fairchild Semiconductor FAN7711 Datasheet HTML 3Page - Fairchild Semiconductor FAN7711 Datasheet HTML 4Page - Fairchild Semiconductor FAN7711 Datasheet HTML 5Page - Fairchild Semiconductor FAN7711 Datasheet HTML 6Page - Fairchild Semiconductor FAN7711 Datasheet HTML 7Page - Fairchild Semiconductor FAN7711 Datasheet HTML 8Page - Fairchild Semiconductor FAN7711 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7711 Rev. 1.0.3
2
Internal Block Diagram
Figure 2. Functional Block Diagram
Pin Configuration
Figure 3. Pin Configuration (Top View)
Pin Definitions
Pin #
Name
Description
1VDD
Supply voltage
2
RT
Oscillator frequency set resistor
3
CPH
Preheating time set capacitor
4
GND
Ground
5
LO
Low-side output
6VS
High-side floating supply return
7
HO
High-side output
8VB
High-side floating supply
3V 5V
CPH
IPH
IPH*
IRT
IPH=0.6*IRT
0A
4V
IPH*
OSCILLATOR
CPH
DEAD-TIME Control
5V/3V
S
R
Q
Q
SDL
SDH
RESET
SYSHALT
ADAPTIVE ZVS ENABLE LOGIC
VDDH/VDD
LSH
VDDH/VDD
LSH
SDL
SDH
Noise
Canceller
S
R
Q
Q
UVLO
VB
SET
RESET
DELAY
15V SHUNT
REGULATOR
RT
CPH
VDD
VS
HO
VB
IRT
LOW-SIDE GATE DRIVER
PRE-HEAT
Control
HIGH-SIDE DRIVER
UVLO
S
RQ
Q
TSD
BIAS
BGR
SYSHALT
UVLO
SDH
SDL
10V
REG
CPH<3V
Yes
No
2
μA
12
μA
OUTPUT
TRANSITION
SENSING
ADAPTIVE
ZVS CONTROLLER
BIAS & SYSTEM LATCH
GND
LO
FAN7711 Rev. 1.00
8
7
6
5
4
3
2
1
FAN7711
YWW
1
2
3
4
8
7
6
5
V
DD
RT
CPH
GND
V
B
HO
V
S
LO
FAN7711 Rev. 1.00
(YWW : Work Week Code)


Similar Part No. - FAN7711

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
ON Semiconductor
FAN7711 ONSEMI-FAN7711 Datasheet
1Mb / 23P
   Ballast Control Integrated Circuit
May 2007 Rev. 1.0.3
logo
Fairchild Semiconductor
FAN7711M FAIRCHILD-FAN7711M Datasheet
1Mb / 23P
   Ballast Control IC
logo
ON Semiconductor
FAN7711M ONSEMI-FAN7711M Datasheet
1Mb / 23P
   Ballast Control Integrated Circuit
May 2007 Rev. 1.0.3
logo
Fairchild Semiconductor
FAN7711MX FAIRCHILD-FAN7711MX Datasheet
1Mb / 23P
   Ballast Control IC
More results

Similar Description - FAN7711

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7711 ONSEMI-FAN7711 Datasheet
1Mb / 23P
   Ballast Control Integrated Circuit
May 2007 Rev. 1.0.3
logo
International Rectifier
IRS21571D IRF-IRS21571D Datasheet
570Kb / 28P
   FULLY INTEGRATED BALLAST CONTROL IC
IR21571 IRF-IR21571 Datasheet
234Kb / 17P
   FULLY INTEGRATED BALLAST CONTROL IC
IR21571STRPBF IRF-IR21571STRPBF Datasheet
529Kb / 18P
   FULLY INTEGRATED BALLAST CONTROL IC
IR21571 IRF-IR21571_15 Datasheet
529Kb / 18P
   FULLY INTEGRATED BALLAST CONTROL IC
IRS21571DSPBF IRF-IRS21571DSPBF_15 Datasheet
570Kb / 28P
   FULLY INTEGRATED BALLAST CONTROL IC
IR2157 IRF-IR2157_07 Datasheet
308Kb / 20P
   FULLY INTEGRATED BALLAST CONTROL IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
Princeton Technology Co...
PT5615 PTC-PT5615 Datasheet
216Kb / 4P
   Ballast Control IC
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com