Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7382N Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN7382N
Description  High- and Low-Side Gate Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7382N Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN7382N Datasheet HTML 7Page - Fairchild Semiconductor FAN7382N Datasheet HTML 8Page - Fairchild Semiconductor FAN7382N Datasheet HTML 9Page - Fairchild Semiconductor FAN7382N Datasheet HTML 10Page - Fairchild Semiconductor FAN7382N Datasheet HTML 11Page - Fairchild Semiconductor FAN7382N Datasheet HTML 12Page - Fairchild Semiconductor FAN7382N Datasheet HTML 13Page - Fairchild Semiconductor FAN7382N Datasheet HTML 14Page - Fairchild Semiconductor FAN7382N Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© 2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7382 Rev. 1.0.8
11
Typical Characteristics (Continued)
Figure 32. Switching Time Test Circuit
Figure 33. Input / Output Timing Diagram
Figure 34. Switching Time Waveform Definition
Figure 35. Delay Matching Waveform Definition
HO
LO
HIN
LIN
FAN7382 Rev.03
1nF
HIN
VB
HIN
COM
HO
VS
LO
1
2
LIN
VCC
5
6
8
3
4
7
100nF
15V
10uF
100nF
15V
10uF
1nF
LIN
FAN7382 Rev.05
HIN
LIN
t
on
HO
LO
t
r
50%
50%
10%
90%
90%
10%
t
off
t
f
t
on : Turn-on Delay Time
t
off
: Turn-off Delay Time
t
r : Turn-on Rise Time
t
f
: Turn-off Fall Time
FAN7382 Rev.03
HIN
LIN
LO
50%
50%
10%
90%
HO
t
on-L
t
on-H
MT
HO
LO
t
off-L
t
off-H
MT
FAN7382 Rev.03


Similar Part No. - FAN7382N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7382N FAIRCHILD-FAN7382N Datasheet
402Kb / 15P
   Half-Bridge Gate Driver
FAN7382N FAIRCHILD-FAN7382N Datasheet
382Kb / 15P
   High- and Low-Side Gate Driver
logo
ON Semiconductor
FAN7382N ONSEMI-FAN7382N Datasheet
377Kb / 16P
   High- and Low-Side Gate Driver
Rev. 1.0.8
More results

Similar Description - FAN7382N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2106M DIODES-DGD2106M Datasheet
660Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21814M DIODES-DGD21814M Datasheet
577Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2181M DIODES-DGD2181M Datasheet
576Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2005 DIODES-DGD2005 Datasheet
513Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD2101M DIODES-DGD2101M Datasheet
1Mb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
DGD21064M DIODES-DGD21064M Datasheet
617Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
logo
Infineon Technologies A...
AUIRS2012S INFINEON-AUIRS2012S Datasheet
464Kb / 11P
   High and low side gate driver
February 25, 2015
logo
Fairchild Semiconductor
FAN7842 FAIRCHILD-FAN7842_07 Datasheet
364Kb / 13P
   High and Low Side Gate Driver
logo
ON Semiconductor
FAN7382 ONSEMI-FAN7382 Datasheet
377Kb / 16P
   High- and Low-Side Gate Driver
Rev. 1.0.8
logo
International Rectifier
AUIRS2012S IRF-AUIRS2012S_15 Datasheet
464Kb / 11P
   High and low side gate driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com