Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7317MX Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN7317MX
Description  LCD Backlight Inverter Drive IC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7317MX Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN7317MX Datasheet HTML 1Page - Fairchild Semiconductor FAN7317MX Datasheet HTML 2Page - Fairchild Semiconductor FAN7317MX Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
January 2008
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7317 • 1.0.2
FAN7317
LCD Backlight Inverter Drive IC
Features
High-Efficiency Single-Stage Power Conversion
Wide Input Voltage Range: 6V to 24V
Backlight Lamp Ballast and Soft Dimming
Minimal Required External Components
Precision Voltage Reference Trimmed to 2%
ZVS Full-Bridge Topology
Soft-Start
PWM Control at Fixed Frequency
Burst Dimming Function
Programmable Striking Frequency
Open-Lamp Protection
Open-Lamp Regulation
Arc Protection
Short-Lamp Protection
CMP-High Protection
High-FB Protection
Thermal Shutdown
20-Pin SOIC
Applications
LCD TV
LCD Monitor
Description
The FAN7317 is a LCD backlight inverter drive IC that
controls P-N full-bridge topology by using the new
patented phase-shift method.
The FAN7317 provides a low-cost solution and reduces
external components by integrating full wave rectifiers for
open-lamp protection and regulation (patent pending).
The operating voltage range of the FAN7317 is wide, so
an external regulator isn’t necessary to supply the
voltage to the IC.
The FAN7317 provides various protections, such as
open-lamp
regulation,
open-lamp
protection,
arc
protection, short-lamp protection, CMP-high protection,
and FB-high protection, to increase the system reliability.
The FAN7317 provides burst dimming function and
analog dimming is possible, in a narrow range, by adding
some external components.
The FAN7317 is available in a 20-SOIC package.
Ordering Information
Part Number
Package
Operating Temperature
Packing Method
FAN7317M
20-SOIC
-25 to +85°C
RAIL
FAN7317MX
20-SOIC
-25 to +85°C
TAPE & REEL
All packages are lead free per JEDEC: J-STD-020B standard.
Protected under U.S. patent nos. 5,652,479 and 7,158,390.


Similar Part No. - FAN7317MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7317MX FAIRCHILD-FAN7317MX Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7317MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com