Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7316MX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN7316MX
Description  LCD Backlight Inverter Drive IC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7316MX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN7316MX Datasheet HTML 1Page - Fairchild Semiconductor FAN7316MX Datasheet HTML 2Page - Fairchild Semiconductor FAN7316MX Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7316 • 1.0.1
18
Typical Application Circuit (LCD Backlight Inverter)
Application
Device
Input Voltage Range
Number of lamps
19-Inch LCD Monitor
FAN7316
14.5±10%
4
1. Features
High-Efficiency Single-Stage Power Conversion
N-N Half-Bridge Topology
Reduces Required External Components
Enhanced System Reliability through Protection Functions
OLP4
R6
680
D4
BAV70
R7
680
0
SN1
GN1
DN1
DN1
GN2
SN2
DN2
DN2
M1
AOP800
0
C9
3p
0
C11
2.7n
0
0
TX1
C14
0.1u
0
C7 10u
C6
1u
C2
1u
0
C17
10n
R30
10R
R29
0
1
1
2
2
CN2
35001WR-02A
1
1
2
2
CN1
35001WR-02A
1
1
2
2
CN3
35001WR-02A
1
1
2
2
CN4
35001WR-02A
C1
330u
OLR
R31
10R
FAN7316
IC1
REF
0
R18
100k
0
R28
20k
D3
BAV70
D5
BAV70
OLP1 OLP2
OLP3 OLP4
R14
10k
R15
10k
R4
10k
R5
10k
0
0
0
0
F1
FUSE
C4 10u
1
2
3
4
5
6
7
8
9
10
CN5
12505WR-10
R20
10k
R21
20k
C8
3p
C10
2.7n
C15
3p
C18
2.7n
R2
100k
R3
100k
0
0
R9
100k
R8
100k
R25
N.C.
R13
100k
C13
1u
C12
33n
0
0
R24
0R
C19
2.7n
C3
1u
0
0
R17
680
0
TX2
0
C16
3p
0
OLP2
OLP1
R16
680
R22
0R
OLR
15V
R23
N.C.
R19
10k
0
LTM190EX
C23
N.C.
ON/OFF
DIM(0~3.3V)
C20
1n
0
C21
4.7n
0
R27
10k
0
0
0
0
R12
75k
R11
9.1k
R10
12k
C5
10n
R1
30k
0
0
0
0
D2
BAV70
OLP3
0
Figure 47. Typical Application Circuit
2. Transformer Schematic Diagram
Figure 48. Transformer Schematic Diagram
3. Core & Bobbin
Core: EFD2126
Material: PL7
Bobbin: EFD2126


Similar Part No. - FAN7316MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316MX FAIRCHILD-FAN7316MX Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7316MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com