Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5632 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN5632
Description  Regulated Step-Down Charge Pump DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5632 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN5632 Datasheet HTML 1Page - Fairchild Semiconductor FAN5632 Datasheet HTML 2Page - Fairchild Semiconductor FAN5632 Datasheet HTML 3Page - Fairchild Semiconductor FAN5632 Datasheet HTML 4Page - Fairchild Semiconductor FAN5632 Datasheet HTML 5Page - Fairchild Semiconductor FAN5632 Datasheet HTML 6Page - Fairchild Semiconductor FAN5632 Datasheet HTML 7Page - Fairchild Semiconductor FAN5632 Datasheet HTML 8Page - Fairchild Semiconductor FAN5632 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5631/FAN5632 Rev. 1.0.2
5
Electrical Characteristic
VIN = 2.2V to 5.5V, IOUT = 1mA, CIN = 10µF, COUT = 10µF, CB = 1µF, TA = -40°C to +85°C, unless otherwise noted.
Typical values are at TA = 25°C.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VUVLO
Input Under-voltage Lockout
2
V
No-load Supply Current
No Switching
60
µA
FAN5631, SEL to High
1.5
FAN5631, SEL to Low
1.2
FAN5632, SEL to High
1.5
VOUT
Output Voltage
FAN5632, SEL to Low
Variable
between
1.5 and 1.2
V
Output Voltage Accuracy
1mA
≤ I
OUT ≤ 150mA, VIN=2.7V to
5.5V
-5
+5
%
RLOAD
Load Regulation
0mA
≤ I
OUT ≤ 150mA, VIN=3.6V
0.25
mV/mA
RLINE
Line Regulation
IOUT=0.1mA
0.2
4.0
mV/V
ISD
Shutdown Supply Current
VEN=0V
0.1
1.0
µA
ISC
Output Short-circuit Current
(3)
VOUT ≤ 150mA
25
mA
Peak Efficiency
90
%
VIN at Configuration Change
VIN Decreasing
2.22xVOUT
V
FOSC
Oscillator Frequency
1.5
MHz
TSD
Thermal Shutdown Threshold
150
°C
TSDHYS
Thermal Shutdown Threshold
Hysteresis
15
°C
VIH
Enable Logic Input High
Voltage
1.3
V
VIL
Enable Logic Input Low
Voltage
0.4
V
IEN
Enable Logic Input Current
-1
1
µA
VIH
VSEL Logic Input High Voltage
1.3
V
VIL
VSEL Logic Input Low Voltage
0.4
V
IIN
VSEL Logic Input Current
-1
1
µA
tON
VOUT Turn-On Time
1.6
ms
Note:
3.
The short-circuit protection is designed to protect against pre-existing short-circuit conditions, such as assembly
shorts, that exist prior to device power-up. The short-circuit current limit is 25mAAverage. Short-circuit currents in
normal operation are inherently limited by the on resistance of the internal FET. Since this resistance is in the
range of 1
Ω, in some cases, thermal shutdown may occur. Immediately following the first thermal shutdown
event, the short-circuit condition is treated as pre-existing and the load current reduces to 25mAAverage.


Similar Part No. - FAN5632

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5632 FAIRCHILD-FAN5632 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5632MPX FAIRCHILD-FAN5632MPX Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
More results

Similar Description - FAN5632

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5631 FAIRCHILD-FAN5631 Datasheet
541Kb / 11P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5601 FAIRCHILD-FAN5601_05 Datasheet
823Kb / 15P
   Regulated Step-Down Charge Pump DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com