Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5350 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FAN5350
Description  3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5350 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5350 Datasheet HTML 3Page - Fairchild Semiconductor FAN5350 Datasheet HTML 4Page - Fairchild Semiconductor FAN5350 Datasheet HTML 5Page - Fairchild Semiconductor FAN5350 Datasheet HTML 6Page - Fairchild Semiconductor FAN5350 Datasheet HTML 7Page - Fairchild Semiconductor FAN5350 Datasheet HTML 8Page - Fairchild Semiconductor FAN5350 Datasheet HTML 9Page - Fairchild Semiconductor FAN5350 Datasheet HTML 10Page - Fairchild Semiconductor FAN5350 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5350 Rev. 1.0.3
7
Applications Information
Selecting the Inductor
The output inductor must meet both the required
inductance and the energy handling capability of the
application.
The inductor value affects the average current limit, the
PWM-to-PFM transition point, the output voltage ripple,
and the efficiency.
The ripple current (∆I) of the regulator is:
⎟⎟
⎜⎜
Δ
SW
OUT
IN
IN
OUT
F
L
V
V
V
V
I
(1)
The maximum average load current, IMAX(LOAD) is related
to the peak current limit, ILIM(PK) (see figure 17) by the
ripple current:
2
I
I
I
)
PK
(
LIM
)
LOAD
(
MAX
Δ
=
(2)
The transition between PFM and PWM operation is
determined by the point at which the inductor valley
current crosses zero. The regulator DC current when
the inductor current crosses zero, IDCM, is:
2
I
IDCM
Δ
=
(3)
The FAN5350 is optimized for operation with L=1
μH,
but is stable with inductances ranging from 700nH to
3.0
μH. The inductor should be rated to maintain at least
80% of its value at ILIM(PK).
Efficiency is affected by the inductor DCR and
inductance value. Decreasing the inductor value for a
given physical size typically decreases the DCR; but
since ∆I increases, the RMS current increases, as do
the core and skin effect losses.
12
I
I
I
2
2
)
DC
(
OUT
RMS
Δ
+
=
(4)
The increased RMS current produces higher losses
through the RDS(ON) of the IC MOSFETs as well as the
inductor ESR.
Increasing the inductor value produces lower RMS
currents, but degrades transient response. For a given
physical inductor size, increased inductance usually
results in an inductor with lower saturation current.
Table 1 shows the effects of inductance higher or lower
than the recommended 1
μH on regulator performance.
Output Capacitor
Table 2 suggests 0603 capacitors. 0805 capacitors may
further improve performance in that the effective
capacitance is higher and ESL is lower than 0603. This
improves the transient response and output ripple.
Increasing COUT has no effect on loop stability and can
therefore be increased to reduce output voltage ripple
or to improve transient response. Output voltage ripple,
∆VOUT, is:
⎟⎟
⎜⎜
+
Δ
=
Δ
ESR
F
C
8
1
I
V
SW
OUT
OUT
(5)
Input Capacitor
The 4.7
μF ceramic input capacitor should be placed as
close as possible between the VIN pin and GND to
minimize the parasitic inductance. If a long wire is used
to bring power to the IC, additional “bulk” capacitance
(electrolytic or tantalum) should be placed between CIN
and the power source lead to reduce ringing that can
occur between the inductance of the power source
leads and CIN.
Table 1. Effects of changes in inductor value (from 1µH recommended value) on regulator performance
Inductor Value
IMAX(LOAD) EQ. 2
ILIM(PK)
∆VOUT EQ. 5
Transient Response
Increase
Increase
Decrease
Decrease
Degraded
Decrease
Decrease
Increase
Increase
Improved


Similar Part No. - FAN5350

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5350 FAIRCHILD-FAN5350 Datasheet
485Kb / 15P
   3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
logo
ON Semiconductor
FAN5350 ONSEMI-FAN5350 Datasheet
391Kb / 15P
   600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
October-2017, Rev . 2
logo
Fairchild Semiconductor
FAN5350MPX FAIRCHILD-FAN5350MPX Datasheet
485Kb / 15P
   3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
logo
ON Semiconductor
FAN5350MPX ONSEMI-FAN5350MPX Datasheet
391Kb / 15P
   600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
October-2017, Rev . 2
logo
Fairchild Semiconductor
FAN5350UCX FAIRCHILD-FAN5350UCX Datasheet
485Kb / 15P
   3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
More results

Similar Description - FAN5350

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5350 FAIRCHILD-FAN5350 Datasheet
485Kb / 15P
   3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
logo
ON Semiconductor
FAN5350 ONSEMI-FAN5350 Datasheet
391Kb / 15P
   600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
October-2017, Rev . 2
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
   600mA 3MHz Synchronous Step-Down DC-DC Converter
Rev. PrA
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
   3MHz, 1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2304 PAM-PAM2304 Datasheet
338Kb / 14P
   3MHz, 1A Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com