Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5350 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN5350
Description  3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5350 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5350_08 Datasheet HTML 4Page - Fairchild Semiconductor FAN5350_08 Datasheet HTML 5Page - Fairchild Semiconductor FAN5350_08 Datasheet HTML 6Page - Fairchild Semiconductor FAN5350_08 Datasheet HTML 7Page - Fairchild Semiconductor FAN5350_08 Datasheet HTML 8Page - Fairchild Semiconductor FAN5350_08 Datasheet HTML 9Page - Fairchild Semiconductor FAN5350_08 Datasheet HTML 10Page - Fairchild Semiconductor FAN5350_08 Datasheet HTML 11Page - Fairchild Semiconductor FAN5350_08 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5350 Rev. 1.0.3
8
PCB Layout Guidelines
For the bill of materials of the FAN5350 evaluation
board, see Table 1. There are only three external
components: the inductor and the input and output
capacitors. For any buck switcher IC, including the
FAN5350, it is always important to place a low-ESR
input capacitor very close to the IC, as shown in Figure
7. That ensures good input decoupling, which helps
reduce the noise appearing at the output terminals and
ensures that the control sections of the IC do not
behave erratically due to excessive noise. This reduces
switching cycle jitter and ensures good overall
performance. It is not considered critical to place either
the inductor or the output capacitor very close to the IC.
There is some flexibility in moving these two
components further away from the IC.
Table 2. FAN5350 Evaluation Board Bill of Materials (optional parts are installed by request only)
Figure 7. The FAN5350 Evaluation Board PCB (CSP)
Feedback Loop
One key advantage of the non-linear architecture is that
there is no traditional feedback loop. The loop response
to changes in VOUT is essentially instantaneous, which
explains its extraordinary transient response. The
absence of a traditional, high-gain compensated linear
loop means that the FAN5350 is inherently stable over
a wide range of LOUT and COUT.
LOUT can be reduced further for a given application,
provided it is confirmed that the calculated peak current
for the required maximum load current is less than the
minimum of the closed-loop current limit. The
advantage is that this generally leads to improved
transient response, since a small inductance allows for
a much faster increase in current to cope with any
sudden load demand.
The inductor can be increased to 2.2µH; but, for the
same reason, the transient response gets slightly
degraded. In that case, increasing the output capacitor
to 10µF helps significantly.
Description
Qty.
Ref.
Vendor
Part Number
1.2
μH, 1.8A, 55mΩ
TOKO
1117AS-1R2M
1.3
μH, 1.2A, 90mΩ
FDK
MIPSA2520D1R0
Inductor
1.5
μH, 1.3A
1
L1
Taiyo Yuden
CBC3225T15MR
Capacitor 4.7
μF, ±10%, 6.3V, X5R, 0603
2
CIN,COUT
MURATA
GRM39 X5R 475K 6.3
IC DC/DC Regulator in CSP, 5 bumps
1
U1
Fairchild
FAN5350UCX
Load Resistor (Optional)
1
RLOAD
Any


Similar Part No. - FAN5350_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5350MPX FAIRCHILD-FAN5350MPX Datasheet
485Kb / 15P
   3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
logo
ON Semiconductor
FAN5350MPX ONSEMI-FAN5350MPX Datasheet
391Kb / 15P
   600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
October-2017, Rev . 2
logo
Fairchild Semiconductor
FAN5350UCX FAIRCHILD-FAN5350UCX Datasheet
485Kb / 15P
   3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
logo
ON Semiconductor
FAN5350UCX ONSEMI-FAN5350UCX Datasheet
391Kb / 15P
   600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
October-2017, Rev . 2
More results

Similar Description - FAN5350_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5350 FAIRCHILD-FAN5350 Datasheet
485Kb / 15P
   3MHz, 600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
logo
ON Semiconductor
FAN5350 ONSEMI-FAN5350 Datasheet
391Kb / 15P
   600mA Step-Down DC-DC Converter in Chip-Scale and MLP Packaging
October-2017, Rev . 2
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
   600mA 3MHz Synchronous Step-Down DC-DC Converter
Rev. PrA
logo
Diodes Incorporated
PAM2304 DIODES-PAM2304 Datasheet
449Kb / 12P
   3MHz, 1A STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2304 PAM-PAM2304 Datasheet
338Kb / 14P
   3MHz, 1A Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3671 NSC-LM3671_08 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
LM3677 NSC-LM3677_08 Datasheet
7Mb / 22P
   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3671 NSC-LM3671_07 Datasheet
7Mb / 24P
   2MHz, 600mA Step-Down DC-DC Converter
logo
Texas Instruments
LM3677 TI1-LM3677 Datasheet
11Mb / 30P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
LM3677 TI-LM3677_15 Datasheet
11Mb / 28P
[Old version datasheet]   3MHz, 600mA Miniature Step-Down DC-DC Converter for Ultra Low Voltage Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com