Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2106 Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN2106
Description  TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2106 Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN2106 Datasheet HTML 6Page - Fairchild Semiconductor FAN2106 Datasheet HTML 7Page - Fairchild Semiconductor FAN2106 Datasheet HTML 8Page - Fairchild Semiconductor FAN2106 Datasheet HTML 9Page - Fairchild Semiconductor FAN2106 Datasheet HTML 10Page - Fairchild Semiconductor FAN2106 Datasheet HTML 11Page - Fairchild Semiconductor FAN2106 Datasheet HTML 12Page - Fairchild Semiconductor FAN2106 Datasheet HTML 13Page - Fairchild Semiconductor FAN2106 Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2106 Rev. 1.0.8
11
Calculating the Inductor Value
Typically the inductor is set for a ripple current (
ΔIL) of
10% to 35% of the maximum DC load. Regulators
requiring fast transient response use a value on the
high side of this range, while regulators that require very
low output ripple and/or use high-ESR capacitors
restrict allowable ripple current:
f
L
D)
-
(1
V
I
OUT
L
=
Δ
(5)
where f is the oscillator frequency and:
f
I
D)
-
(1
V
L
L
OUT
Δ
=
(6)
Setting the Ramp Resistor Value
The internal ramp voltage excursion (ΔVRAMP) during tON
should be set to 0.6V. RRAMP is approximately:
2
f
V
10
x
18
V
)
8
.
1
V
(
R
IN
6
OUT
IN
)
K
(
RAMP
=
Ω
(7)
where frequency (f) is expressed in KHz.
Setting the Current Limit
The FAN2106 uses its internal low-side MOSFET for
current-sensing. The current-limit threshold voltage
(VILIM) is compared to a scaled version of the voltage
drop across the low-side MOSFET, sampled at the end
of each PWM off-time/cycle.
The default threshold (ILIM open) is temperature
compensated.
The 10µA current sourced from the ILIM pin can be
used to establish a lower, temperature–dependent,
current-limit threshold by connecting an external
resistor (RILIM) to AGND:
5
.
142
)
2
I
I
(
K
R
45
.
0
R
L
OUT
T
DS
)
K
(
ILIM
+
Δ
=
Ω
(8)
where:
I = desired current limit set point in Amps,
RDS is expressed in mΩ,
KT = the normalized temperature coefficient of the
low-side MOSFET (Q2) from Figure 8.
After 16 consecutive, pulse-by-pulse, current-limit
cycles, the fault latch is set and the regulator shuts
down. Cycling VCC or EN restores operation after a
normal soft-start cycle (refer to Auto-Restart section).
The over-current protection fault latch is active during
the soft-start cycle.
In case RILIM is not connected, the IC uses internal
default current limit threshold.
Loop Compensation
The loop is compensated using a feedback network
around the error amplifier. Figure 22 shows a complete
Type-3
compensation
network.
For
Type-2
compensation, eliminate R3 and C3.
Figure 22. Compensation Network
Since the FAN2106 employs summing current-mode
architecture, Type-2 compensation can be used for
many applications. For applications that require wide
loop bandwidth and/or use very low-ESR output
capacitors, Type-3 compensation may be required. The
AN-6033 spreadsheet calculator can be used to
calculate these component values.
Protection
The converter output is monitored and protected
against extreme overload, short-circuit, over-voltage,
under-voltage, and over-temperature conditions.
An internal “Fault Latch” is set for any fault intended to
shut down the IC. When the fault latch is set, the IC
discharges VOUT by enhancing the low-side MOSFET
until FB<0.25V. The MOSFET is not turned on again
unless FB>0.5V. This behavior discharges the output
without causing undershoot (negative output voltage).
GATE
DRIVE
PWM
0.25/0.5V
FAULT
PWM LATCH
FB
Figure 23. Latched Fault Response
Under-Voltage Shutdown
If voltage on the FB pin remains below the under-
voltage threshold for 16 consecutive clock cycles, the
fault latch is set and the converter shuts down. This
protection is not active until the internal SS ramp
reaches 1.0V during soft start.
Over-Voltage Protection / Shutdown
If voltage on the FB pin exceeds the over-voltage
threshold for two consecutive clock cycles, the fault
latch is set and shutdown occurs.


Similar Part No. - FAN2106

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106EMPX FAIRCHILD-FAN2106EMPX Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106EMPX FAIRCHILD-FAN2106EMPX Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106EMPX FAIRCHILD-FAN2106EMPX_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Similar Description - FAN2106

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06 Datasheet
1Mb / 17P
   TinyBuck??6A, 24V Single-Input Integrated Synchronous Buck Regulator, Synchronization Capability
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04 Datasheet
793Kb / 18P
   TinyBuck??4A, 24V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_09 Datasheet
763Kb / 15P
   3-24V Input, 6A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV06 FAIRCHILD-FAN21SV06_12 Datasheet
1Mb / 17P
   TinyBuck??6 A, 24V Single-Input Integrated Synchronous Buck Regulator with Synchronization Capability
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
logo
Renesas Technology Corp
ZSPM4023-06 RENESAS-ZSPM4023-06 Datasheet
1Mb / 38P
   24V/6A Synchronous DC/DC Buck Regulator
January 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com