Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2214 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FPF2214
Description  Integrated Load Switch with Adjustable High Precision Current Limit
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2214 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FPF2214 Datasheet HTML 1Page - Fairchild Semiconductor FPF2214 Datasheet HTML 2Page - Fairchild Semiconductor FPF2214 Datasheet HTML 3Page - Fairchild Semiconductor FPF2214 Datasheet HTML 4Page - Fairchild Semiconductor FPF2214 Datasheet HTML 5Page - Fairchild Semiconductor FPF2214 Datasheet HTML 6Page - Fairchild Semiconductor FPF2214 Datasheet HTML 7Page - Fairchild Semiconductor FPF2214 Datasheet HTML 8Page - Fairchild Semiconductor FPF2214 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
www.fairchildsemi.com
FPF2213-FPF2215 Rev. B
Typical Characteristics
Figure 1. Quiescent Current vs. Input Voltage
Figure 2. Quiescent Current vs. Temperature
Figure 4. VON High Voltage vs. Temperature
Figure 5. VON Low Voltage vs. Temperature
Figure 6. On Pin Current vs. Temperature
Figure 3. VON vs. Input Voltage
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
2
3
4
5
6
VIN, SUPPLY VOLTAGE (V)
VIH
VIL
10
20
30
40
50
60
70
80
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN=1.8V
VIN=3.3V
VIN=5.5V
VON=VIN
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN=1.2V
VIN=3.3V
VIN=5.5V
0.4
0.6
0.8
1
1.2
1.4
1.6
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VIN=1.2V
VIN=3.3V
VIN=5.5V
10
20
30
40
50
60
70
80
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
25oC
-40oC
85oC
VON = VIN
-0.01
0.00
0.01
0.02
0.03
0.04
0.05
-40
-15
10
35
60
85
TJ, JUNCTION TEMPERATURE (
oC)
VON = 5.5V
VON = 0V


Similar Part No. - FPF2214

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2214 ONSEMI-FPF2214 Datasheet
833Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
Fairchild Semiconductor
FPF2214 FAIRCHILD-FPF2214_09 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
More results

Similar Description - FPF2214

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2223 ONSEMI-FPF2223 Datasheet
843Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
Fairchild Semiconductor
FPF2223 FAIRCHILD-FPF2223 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
logo
ON Semiconductor
FPF2213 ONSEMI-FPF2213 Datasheet
833Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
Fairchild Semiconductor
FPF2214 FAIRCHILD-FPF2214_09 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
logo
ETA SOLUTIONS CO. LIMIT...
ETA6020 ETA-ETA6020 Datasheet
207Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com