Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPF2201 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FPF2201
Description  Integrated Load Switch with 500mA High Precision Current Limit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2201 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FPF2201 Datasheet HTML 1Page - Fairchild Semiconductor FPF2201 Datasheet HTML 2Page - Fairchild Semiconductor FPF2201 Datasheet HTML 3Page - Fairchild Semiconductor FPF2201 Datasheet HTML 4Page - Fairchild Semiconductor FPF2201 Datasheet HTML 5Page - Fairchild Semiconductor FPF2201 Datasheet HTML 6Page - Fairchild Semiconductor FPF2201 Datasheet HTML 7Page - Fairchild Semiconductor FPF2201 Datasheet HTML 8Page - Fairchild Semiconductor FPF2201 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.fairchildsemi.com
FPF2200-FPF2202 Rev. B
Pin Configuration
Pin Description
Absolute Maximum Ratings
Recommended Operating Range
Electrical Characteristics
VIN = 1.8 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25°C.
Pin
Name
Function
1
N/C
No Connection
2
VIN
Supply Input: Input to the power switch and the supply voltage for the IC
3
VOUT
Switch Output: Output of the power switch
4
FLAGB
Fault Output: Active LO, open drain output which indicates an over current, supply
under voltage or over temperature state
5
GND
Ground
6
ON
ON/OFF Control Input
Parameter
Min.
Max.
Unit
VIN, VOUT, ON, FLAGB TO GND
-0.3
6
V
Power Dissipation @ TA = 25°C
1.2
W
Operating and Storage Junction Temperature
-65
125
°C
Thermal Resistance, Junction to Ambient
86
°C/W
Electrostatic Discharge Protection
HBM
8000
V
MM
400
V
CDM
2000
V
Parameter
Min.
Max.
Unit
VIN
1.8
5.5
V
Ambient Operating Temperature, TA
-40
85
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Basic Operation
Operating Voltage
VIN
1.8
5.5
V
Quiescent Current
IQ
IOUT=0mA, VIN=VON=1.8V
40
65
A
IOUT=0mA, VIN=VON=3.3V
45
75
IOUT=0mA, VIN=VON=5.5V
55
85
VIN Shutdown Current
VON=0V, VIN=5.5V, VOUT=short to
GND
2.5
A
FLAGB
GND
N/C
1
2
3
6
5
4
VIN
VOUT
ON
MicroFET 2x2 6L
(BOTTOMVIEW)


Similar Part No. - FPF2201

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2213 FAIRCHILD-FPF2213 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
logo
ON Semiconductor
FPF2213 ONSEMI-FPF2213 Datasheet
833Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
Fairchild Semiconductor
FPF2213 FAIRCHILD-FPF2213_09 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
FPF2214 FAIRCHILD-FPF2214 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
logo
ON Semiconductor
FPF2214 ONSEMI-FPF2214 Datasheet
833Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
More results

Similar Description - FPF2201

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FPF2213 FAIRCHILD-FPF2213 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
logo
ON Semiconductor
FPF2223 ONSEMI-FPF2223 Datasheet
843Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
Fairchild Semiconductor
FPF2223 FAIRCHILD-FPF2223 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
FPF2214 FAIRCHILD-FPF2214_09 Datasheet
1Mb / 14P
   Integrated Load Switch with Adjustable High Precision Current Limit
logo
ON Semiconductor
FPF2213 ONSEMI-FPF2213 Datasheet
833Kb / 15P
   Integrated Load Switch with Adjustable High Precision Current Limit
February 2009 Rev. C
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com