Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGPF45N45T Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FGPF45N45T
Description  450V, 45A PDP Trench IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGPF45N45T Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FGPF45N45T Datasheet HTML 1Page - Fairchild Semiconductor FGPF45N45T Datasheet HTML 2Page - Fairchild Semiconductor FGPF45N45T Datasheet HTML 3Page - Fairchild Semiconductor FGPF45N45T Datasheet HTML 4Page - Fairchild Semiconductor FGPF45N45T Datasheet HTML 5Page - Fairchild Semiconductor FGPF45N45T Datasheet HTML 6Page - Fairchild Semiconductor FGPF45N45T Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
www.fairchildsemi.com
FGPF45N45T Rev. A
Typical Performance Characteristics
Figure 7. Saturation Voltage vs. VGE
Figure 8. Capacitance Characteristics
Figure 9. Gate charge Characteristics
Figure 10. SOA Characteristics
Figure 11. Turn-on Characteristics vs.
Figure 12. Turn-off Characteristics vs.
0
4
8
12
16
20
0
4
8
12
16
20
IC = 20A
45A
30A
Common Emitter
TC = 125
o
C
Gate-Emitter Voltage, VGE [V]
110
10
100
1000
10000
Common Emitter
VGE = 0V, f = 1MHz
TC = 25
o
C
C
res
C
oes
C
ies
Collector-Emitter Voltage, VCE [V]
30
030
60
90
120
0
3
6
9
12
15
200V
Common Emitter
TC = 25
o
C
V
CC = 100V
Gate Charge, Qg [nC]
0.1
1
10
100
1000
0.01
0.1
1
10
100
I
C MAX (Continuous)
I
C MAX (Pulse)
1ms
10 ms
DC Operation
Single Nonrepetitive
Pulse TC = 25
oC
Curves must be derated
linearly with increase
in temperature
10µs
100µs
Collector-Emitter Voltage, VCE [V]
500
0
10
20304050
10
100
1000
t
f
Common Emitter
VCC = 200V, VGE = 15V
IC = 45A
TC = 25
o
C
TC = 125
o
C
t
d(off)
Gate Resistance, RG []
0
10
20304050
1
10
100
Common Emitter
VCC = 200V, VGE = 15V
IC = 45A
TC = 25
o
C
TC = 125
o
C
t
d(on)
t
r
Gate Resistance, RG []
500
Gate Resistance
Gate Resistance


Similar Part No. - FGPF45N45T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGPF4533 FAIRCHILD-FGPF4533 Datasheet
320Kb / 8P
   330V, PDP IGBT
FGPF4533 FAIRCHILD-FGPF4533 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FGPF4533RDTU FAIRCHILD-FGPF4533RDTU Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FGPF4536 FAIRCHILD-FGPF4536 Datasheet
718Kb / 8P
   360V, PDP IGBT
FGPF4536 FAIRCHILD-FGPF4536 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FGPF45N45T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGPF30N45T FAIRCHILD-FGPF30N45T Datasheet
538Kb / 7P
   450V, 30A PDP Trench IGBT
logo
International Rectifier
IRG7S313UPBF IRF-IRG7S313UPBF Datasheet
250Kb / 8P
   PDP TRENCH IGBT
IRG6S330UPBF IRF-IRG6S330UPBF Datasheet
237Kb / 8P
   PDP TRENCH IGBT
IRG6I330UPBF IRF-IRG6I330UPBF Datasheet
312Kb / 7P
   PDP TRENCH IGBT
IRGP4055DPBF IRF-IRGP4055DPBF Datasheet
263Kb / 7P
   PDP TRENCH IGBT
IRG6B330UDPBF IRF-IRG6B330UDPBF Datasheet
275Kb / 7P
   PDP TRENCH IGBT
IRGI4085PBF IRF-IRGI4085PBF Datasheet
768Kb / 7P
   PDP TRENCH IGBT
IRGP4065PBF IRF-IRGP4065PBF Datasheet
317Kb / 7P
   PDP TRENCH IGBT
IRGP4055PBF IRF-IRGP4055PBF Datasheet
245Kb / 7P
   PDP TRENCH IGBT
IRG7IC28UPBF IRF-IRG7IC28UPBF Datasheet
287Kb / 7P
   PDP TRENCH IGBT
09/02/2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com