Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH60N60SFD Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FGH60N60SFD
Description  600V, 60A Field Stop IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH60N60SFD Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FGH60N60SFD Datasheet HTML 1Page - Fairchild Semiconductor FGH60N60SFD Datasheet HTML 2Page - Fairchild Semiconductor FGH60N60SFD Datasheet HTML 3Page - Fairchild Semiconductor FGH60N60SFD Datasheet HTML 4Page - Fairchild Semiconductor FGH60N60SFD Datasheet HTML 5Page - Fairchild Semiconductor FGH60N60SFD Datasheet HTML 6Page - Fairchild Semiconductor FGH60N60SFD Datasheet HTML 7Page - Fairchild Semiconductor FGH60N60SFD Datasheet HTML 8Page - Fairchild Semiconductor FGH60N60SFD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
www.fairchildsemi.com
FGH60N60SFD Rev. A
Mechanical Dimensions
TO-247AB (FKS PKG CODE 001)
Dimensions in Millimeters


Similar Part No. - FGH60N60SFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH60N60SFDTU FAIRCHILD-FGH60N60SFDTU Datasheet
418Kb / 9P
   600 V, 60 A Field Stop IGBT
Rev. 1.4 March 2015
logo
Inchange Semiconductor ...
FGH60N60SFDTU ISC-FGH60N60SFDTU Datasheet
355Kb / 3P
   Field-Stop IGBT
logo
ON Semiconductor
FGH60N60SFDTU-F085 ONSEMI-FGH60N60SFDTU-F085 Datasheet
475Kb / 9P
   IGBT - Field Stop 600 V, 60 A
February, 2020 - Rev. 3
logo
Fairchild Semiconductor
FGH60N60SFD FAIRCHILD-FGH60N60SFD_V01 Datasheet
418Kb / 9P
   600 V, 60 A Field Stop IGBT
Rev. 1.4 March 2015
More results

Similar Description - FGH60N60SFD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH60N60SF FAIRCHILD-FGH60N60SF Datasheet
647Kb / 8P
   600V, 60A Field Stop IGBT
logo
Silan Microelectronics ...
60N60FD1 SILAN-60N60FD1 Datasheet
307Kb / 10P
   60A, 600V FIELD STOP IGBT
Rev.:1.7
logo
Fairchild Semiconductor
FGA60N60UFD FAIRCHILD-FGA60N60UFD Datasheet
782Kb / 9P
   600V, 60A Field Stop IGBT
FGH60N60SMD FAIRCHILD-FGH60N60SMD Datasheet
397Kb / 10P
   600V, 60A Field Stop IGBT
FGH60N60UFD FAIRCHILD-FGH60N60UFD Datasheet
767Kb / 9P
   600V, 60A Field Stop IGBT
logo
Shenzhen Huazhimei Semi...
HMG60N65FT HMSEMI-HMG60N65FT Datasheet
1Mb / 8P
   650V /60A Trench Field Stop IGBT
logo
Fairchild Semiconductor
FGH75N60SF FAIRCHILD-FGH75N60SF Datasheet
686Kb / 8P
   600V, 75A Field Stop IGBT
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGH80N60FD FAIRCHILD-FGH80N60FD Datasheet
665Kb / 9P
   600V, 80A Field Stop IGBT
FGB20N60SF FAIRCHILD-FGB20N60SF Datasheet
387Kb / 8P
   600V, 20A Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com