Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3228TMX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN3228TMX
Description  Dual 2A High-Speed, Low-Side Gate Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3228TMX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN3228TMX Datasheet HTML 1Page - Fairchild Semiconductor FAN3228TMX Datasheet HTML 2Page - Fairchild Semiconductor FAN3228TMX Datasheet HTML 3Page - Fairchild Semiconductor FAN3228TMX Datasheet HTML 4Page - Fairchild Semiconductor FAN3228TMX Datasheet HTML 5Page - Fairchild Semiconductor FAN3228TMX Datasheet HTML 6Page - Fairchild Semiconductor FAN3228TMX Datasheet HTML 7Page - Fairchild Semiconductor FAN3228TMX Datasheet HTML 8Page - Fairchild Semiconductor FAN3228TMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3226 / FAN3227 / FAN3228 / FAN3229 • Rev. 1.0.3
2
Ordering Information
Part Number
Logic
Input
Threshold
Package
Packing Method
Quantity
per Reel
FAN3226CMPX
3x3mm MLP-8
Tape & Reel
3,000
FAN3226CMX
CMOS
SOIC-8
Tape & Reel
2,500
FAN3226TMPX
3x3mm MLP-8
Tape & Reel
3,000
FAN3226TMX
Dual Inverting Channels +
Dual Enable
TTL
SOIC-8
Tape & Reel
2,500
FAN3227CMPX
3x3mm MLP-8
Tape & Reel
3,000
FAN3227CMX
CMOS
SOIC-8
Tape & Reel
2,500
FAN3227TMPX
3x3mm MLP-8
Tape & Reel
3,000
FAN3227TMX
Dual Non-Inverting Channels
+ Dual Enable
TTL
SOIC-8
Tape & Reel
2,500
FAN3228CMPX
3x3mm MLP-8
Tape & Reel
3,000
FAN3228CMX
CMOS
SOIC-8
Tape & Reel
2,500
FAN3228TMPX
3x3mm MLP-8
Tape & Reel
3,000
FAN3228TMX
Dual Channels of Two-Input /
One-Output Drivers, Pin
Configuration 1
TTL
SOIC-8
Tape & Reel
2,500
FAN3229CMPX
3x3mm MLP-8
Tape & Reel
3,000
FAN3229CMX
CMOS
SOIC-8
Tape & Reel
2,500
FAN3229TMPX
3x3mm MLP-8
Tape & Reel
3,000
FAN3229TMX
Dual Channels of Two-Input /
One-Output Drivers, Pin
Configuration 2
TTL
SOIC-8
Tape & Reel
2,500
All standard Fairchild Semiconductor products are RoHS compliant and many are also “GREEN” or going green. For Fairchild’s
definition of “green” please visit: http://www.fairchildsemi.com/company/green/rohs_green.html.
Package Outlines
Figure 2. 3x3mm MLP-8 (Top View)
Figure 3. SOIC-8 (Top View)
Thermal Characteristics
(1)
Package
ΘJL
(2)
ΘJT
(3)
ΘJA
(4)
ΨJB
(5)
ΨJT
(6)
Units
8-Lead 3x3mm Molded Leadless Package (MLP)
1.6
68
43
3.5
0.8
°C/W
8-Pin Small Outline Integrated Circuit (SOIC)
40
31
89
43
3.0
°C/W
Notes:
1.
Estimates derived from thermal simulation; actual values depend on the application.
2.
Theta_JL (
ΘJL): Thermal resistance between the semiconductor junction and the bottom surface of all the leads (including any
thermal pad) that are typically soldered to a PCB.
3.
Theta_JT (
ΘJT): Thermal resistance between the semiconductor junction and the top surface of the package, assuming it is
held at a uniform temperature by a top-side heatsink.
4.
Theta_JA (ΘJA): Thermal resistance between junction and ambient, dependent on the PCB design, heat sinking, and airflow.
The value given is for natural convection with no heatsink, as specified in JEDEC standards JESD51-2, JESD51-5, and
JESD51-7, as appropriate.
5.
Psi_JB (
ΨJB): Thermal characterization parameter providing correlation between semiconductor junction temperature and an
application circuit board reference point for the thermal environment defined in Note 4. For the MLP-8 package, the board
reference is defined as the PCB copper connected to the thermal pad and protruding from either end of the package. For the
SOIC-8 package, the board reference is defined as the PCB copper adjacent to pin 6.
6.
Psi_JT (
ΨJT): Thermal characterization parameter providing correlation between the semiconductor junction temperature and
the center of the top of the package for the thermal environment defined in Note 4.


Similar Part No. - FAN3228TMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3228TMX FAIRCHILD-FAN3228TMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228TMX FAIRCHILD-FAN3228TMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228TMX FAIRCHILD-FAN3228TMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228TMX FAIRCHILD-FAN3228TMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228TMX FAIRCHILD-FAN3228TMX Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
More results

Similar Description - FAN3228TMX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3229 FAIRCHILD-FAN3229_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com