Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN3225TMPX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN3225TMPX
Description  Dual 4A High-Speed, Low-Side Gate Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3225TMPX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN3225TMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN3225TMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN3225TMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN3225TMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN3225TMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN3225TMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN3225TMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN3225TMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN3225TMPX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3223 / FAN3224 / FAN3225 • Rev. 1.0.5
3
FAN3223
FAN3224
FAN3225
Figure 4. Pin Assignments (Repeated)
Pin Definitions
Name
Pin Description
ENA
Enable Input for Channel A. Pull pin LOW to inhibit driver A. ENA has TTL thresholds for both TTL and
CMOS INx threshold.
ENB
Enable Input for Channel B. Pull pin LOW to inhibit driver B. ENB has TTL thresholds for both TTL and
CMOS INx threshold.
GND
Ground. Common ground reference for input and output circuits.
INA
Input to Channel A.
INA+
Non-Inverting Input to Channel A. Connect to VDD to enable output.
INA-
Inverting Input to Channel A. Connect to GND to enable output.
INB
Input to Channel B.
INB+
Non-Inverting Input to Channel B. Connect to VDD to enable output.
INB-
Inverting Input to Channel B. Connect to GND to enable output.
OUTA
Gate Drive Output A: Held LOW unless required input(s) are present and VDD is above UVLO threshold.
OUTB
Gate Drive Output B: Held LOW unless required input(s) are present and VDD is above UVLO threshold.
OUTA
Gate Drive Output A
(inverted from the input): Held LOW unless required input is present and VDD is
above UVLO threshold.
OUTB
Gate Drive Output B
(inverted from the input): Held LOW unless required input is present and VDD is
above UVLO threshold.
P1
Thermal Pad
(MLP only). Exposed metal on the bottom of the package; may be left floating or connected
to GND; NOT suitable for carrying current.
VDD
Supply Voltage
. Provides power to the IC.
Output Logic
FAN3223 (x=A or B)
FAN3224 (x=A or B)
FAN3225 (x=A or B)
ENx
INx
OUTx
ENx
INx
OUTx
INx+
INx−
OUTx
0
0
0
0
0
(7)
0
0
(7)
0
0
0
1
(7)
0
0
1
0
0
(7)
1
(7)
0
1
(7)
0
1
1
(7)
0
(7)
0
1
0
1
1
(7)
1
(7)
0
1
(7)
1
1
1
1
(7)
0
Note:
7.
Default input signal if no external connection is made.


Similar Part No. - FAN3225TMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3225TMPX FAIRCHILD-FAN3225TMPX Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3225TMPX FAIRCHILD-FAN3225TMPX Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
logo
ON Semiconductor
FAN3225TMPX ONSEMI-FAN3225TMPX Datasheet
1Mb / 29P
   Dual 4-A High-Speed, Low-Side Gate Drivers
December-2017, Rev. 2
More results

Similar Description - FAN3225TMPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3223 FAIRCHILD-FAN3223_10 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3213 FAIRCHILD-FAN3213 Datasheet
1Mb / 18P
   Dual-4A, High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_11 Datasheet
1Mb / 25P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3223 FAIRCHILD-FAN3223_12 Datasheet
1Mb / 24P
   Dual 4A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_11 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3227 FAIRCHILD-FAN3227_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3228 FAIRCHILD-FAN3228_10 Datasheet
1Mb / 25P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3226 FAIRCHILD-FAN3226_12 Datasheet
1Mb / 24P
   Dual 2A High-Speed, Low-Side Gate Drivers
FAN3216 FAIRCHILD-FAN3216_12 Datasheet
1Mb / 18P
   Dual-2A, High-Speed, Low-Side Gate Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com