Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7387N Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN7387N
Description  Self-Oscillated, High-Voltage Gate Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7387N Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN7387N Datasheet HTML 4Page - Fairchild Semiconductor FAN7387N Datasheet HTML 5Page - Fairchild Semiconductor FAN7387N Datasheet HTML 6Page - Fairchild Semiconductor FAN7387N Datasheet HTML 7Page - Fairchild Semiconductor FAN7387N Datasheet HTML 8Page - Fairchild Semiconductor FAN7387N Datasheet HTML 9Page - Fairchild Semiconductor FAN7387N Datasheet HTML 10Page - Fairchild Semiconductor FAN7387N Datasheet HTML 11Page - Fairchild Semiconductor FAN7387N Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7387 Rev. 1.0.0
8
Electrical Characteristics (Continued)
VBIAS (VDD, VB -VS)=14.0V, CL=1nF, RT=50k and CT=330pF and TA=25°C, unless otherwise specified.
Symbol
Parameter
Condition
Min. Typ. Max. Unit
Output Characteristics
tON
Turn-on propagation time
VDD=VBS=14V, VDT/SD=VDD,
VRCT=4V~VDD, fOSC=20kHz
550
ns
tOFF
Turn-off propagation time
VDD=VBS=14V, VDT/SD=VDD,
VRCT=4V~VDD, fOSC=20kHz
160
ns
tR
Turn on rising time
CL=1000pF
50
120
ns
tF
Turn off falling time
CL=1000pF
30
70
ns
Protection Characteristics
SD+
Shutdown “1” input voltage
2.7
V
SD+
Shutdown “0” input voltage
1
V
ISD
Shutdown Current
VSD/DT=0 After Running Mode
250
μA
TSD
Shutdown Propagation Delay
180
ns


Similar Part No. - FAN7387N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7387 ONSEMI-FAN7387 Datasheet
2Mb / 16P
   Self-Oscillated, High-Voltage Gate Driver
March 2014
FAN7387MX ONSEMI-FAN7387MX Datasheet
2Mb / 16P
   Self-Oscillated, High-Voltage Gate Driver
March 2014
logo
Fairchild Semiconductor
FAN7387V FAIRCHILD-FAN7387V Datasheet
2Mb / 12P
   Ballast Control IC for Compact Fluorescent Lamp
FAN7387VN FAIRCHILD-FAN7387VN Datasheet
2Mb / 12P
   Ballast Control IC for Compact Fluorescent Lamp
FAN7387VN FAIRCHILD-FAN7387VN_12 Datasheet
1,018Kb / 12P
   Ballast Control IC for Compact Fluorescent Lamp
More results

Similar Description - FAN7387N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN7387 ONSEMI-FAN7387 Datasheet
2Mb / 16P
   Self-Oscillated, High-Voltage Gate Driver
March 2014
logo
Renesas Technology Corp
SLG5NT021-200000V RENESAS-SLG5NT021-200000V Datasheet
322Kb / 9P
    High Voltage Gate Driver
February 9, 2022
SLG55021-200010 RENESAS-SLG55021-200010 Datasheet
323Kb / 9P
   High Voltage Gate Driver
9-Feb-2022
SLG55022 RENESAS-SLG55022 Datasheet
346Kb / 10P
   High Voltage Gate Driver
9-Feb-2022
logo
Infineon Technologies A...
EVAL_1ED020I12-B2 INFINEON-EVAL_1ED020I12-B2 Datasheet
1Mb / 20P
   High voltage gate driver IC
Revision 1.0, 2013-07-26
2EDL23I06PJ INFINEON-2EDL23I06PJ Datasheet
1,013Kb / 23P
   High voltage gate driver IC
Revision 2.2, 01.06.2016
6EDL04I06PT INFINEON-6EDL04I06PT_16 Datasheet
818Kb / 25P
   High voltage gate driver IC
Revision 2.6, 05.08.2016
2EDL05I06PF INFINEON-2EDL05I06PF_16 Datasheet
1Mb / 22P
   High voltage gate driver IC
Revision 2.6, 01.06.2016
logo
International Rectifier
IR2110 IRF-IR2110_1 Datasheet
9Mb / 24P
   HIGH VOLTAGE MOS GATE DRIVER
logo
Dialog Semiconductor
SLG55021-200010 DIALOG-SLG55021-200010 Datasheet
231Kb / 8P
   GreenFETTM High Voltage Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com